Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 20Page - STMicroelectronics AN2641 Datasheet HTML 21Page - STMicroelectronics AN2641 Datasheet HTML 22Page - STMicroelectronics AN2641 Datasheet HTML 23Page - STMicroelectronics AN2641 Datasheet HTML 24Page - STMicroelectronics AN2641 Datasheet HTML 25Page - STMicroelectronics AN2641 Datasheet HTML 26Page - STMicroelectronics AN2641 Datasheet HTML 27Page - STMicroelectronics AN2641 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Linux frame buffer
AN2641
24/37
Doc ID 14027 Rev 1
hold a pixel, pixclock, HSYNC duration, VSYNC duration, and margin lengths. These
values are programmable by the user:
Figure 12.
Structure fb_var_screeninfo
2.
Fixed information about the video hardware, such as the start address and size of
frame buffer memory, is held in struct fb_fix_screeninfo. These values cannot be
altered by the user:
Figure 13.
Structure fb_fix_screeninfo
3.
The fb_cmap structure specifies the color map, which is used to convey the user's
definition of colors to the underlying video hardware. You can use this structure to
define the RGB (Red, Green, and Blue) ratio that you desire for different colors: Device
independent color-map information. You can get and set the color-map using the
FBIOGETCMAP and FBIOPUTCMAP ioctls:
Figure 14.
Structure fb_cmap
struct fb_var_screeninfo {
__u32 xres; /* Visible resolution in the X axis */
__u32 yres; /* Visible resolution in the Y axis */
/* ... */
__u32 bits_per_pixel; /* Number of bits required to hold a pixel */
/* ... */
__u32 pixclock; /* Pixel clock in picoseconds */
__u32 left_margin; /* Time from sync to picture */
__u32 right_margin; /* Time from picture to sync */
/* ... */
__u32 hsync_len; /* Length of horizontal sync */
__u32 vsync_len; /* Length of vertical sync */
/* ... */
};
struct fb_fix_screeninfo {
char id[16]; /* Identification string */
unsigned long smem_start; /* Start of frame buffer memory */
__u32 smem_len; /* Length of frame buffer memory */
/* ... */
};
struct fb_cmap {
__u32 start; /* First entry */
__u32 len; /* Number of entries */
__u16 *red; /* Red values */
__u16 *green; /* Green values */
__u16 *blue; /* Blue values */
__u16 *transp; /* Transparency */
};



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com