Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 3Page - STMicroelectronics AN3101 Datasheet HTML 4Page - STMicroelectronics AN3101 Datasheet HTML 5Page - STMicroelectronics AN3101 Datasheet HTML 6Page - STMicroelectronics AN3101 Datasheet HTML 7Page - STMicroelectronics AN3101 Datasheet HTML 8Page - STMicroelectronics AN3101 Datasheet HTML 9Page - STMicroelectronics AN3101 Datasheet HTML 10Page - STMicroelectronics AN3101 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID16612 Rev 6
7/24
AN3101
High speed internal oscillator calibration
23
The frequency step size for two consecutive HSITRIMR values is not constant. It is typically
0.4% (max. 0.7%) for the monotonous range (change in the low nibble only). The frequency
step size for two consecutive HSITRIMR values which differ in the high nibble (i.e. from
0x3F to 0x40) can be up to +/- 1.5%. See the Figure 2 and the datasheet for details.
Figure 2. Example of HSI oscillator trimming steps size
Note:
This graph is given for guidance only. It is based on a device whose calibration value is
equal to 90.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com