Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 13Page - STMicroelectronics AN3101 Datasheet HTML 14Page - STMicroelectronics AN3101 Datasheet HTML 15Page - STMicroelectronics AN3101 Datasheet HTML 16Page - STMicroelectronics AN3101 Datasheet HTML 17Page - STMicroelectronics AN3101 Datasheet HTML 18Page - STMicroelectronics AN3101 Datasheet HTML 19Page - STMicroelectronics AN3101 Datasheet HTML 20Page - STMicroelectronics AN3101 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID16612 Rev 6
17/24
AN3101
High speed internal oscillator calibration
23
2.3.4
HSI calibration demo description
The demo provided with this application note shows the ability of the firmware to calibrate
the HSI oscillator of the STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx
microcontrollers.
By default, the demo is configured to run the calibration of the HSI oscillator routine using
the LSE source frequency.
To run the calibration process that provides the frequency with minimum error, you have to
comment the following define line in the main.c file. Conversely, to run the calibration
process that finds the frequency with a maximum allowed error, you have to uncomment the
same line:
/* #define USE_HSI_FIXED_ERROR */
To display the HSI signal, connect an oscilloscope probe to the PC4 pin and uncomment the
following line in the main.c file:
/* #define OUTPUT_HSI_ON_CCO_FOR_DEBUG */
2.4
Recommendations on the use of the HSI calibration library
1.
If the reference frequency used for HSI calibration is lower than 250 Hz, the TIM2
counter prescaler can be used to support low reference frequencies.
2.
The TIM2 input capture divider (1, 2, 4 and 8) can be used to support high reference
frequencies.
3.
Frequency measurement accuracy is not guaranteed when using a reference
frequency that exceeds 240 kHz.
4.
It is not recommended to call calibration functions in an interrupt routine since, in this
case, the calibration process may be long (refer to the Section 2.5.1).
5.
It is recommended to stop all application activities before the calibration process, and
to restart them after calling the calibration functions. The application therefore has to
stop communications, ADC measurements (see Note: 1) etc. since these processes
are supposed to use clock configurations different from those used in the calibration
process. Otherwise, errors might be introduced in the application: errors while
reading/sending frames, ADC reading errors since the sampling time has changed, etc.
Note:
1
Except when using the ADC for the calibration process (refer to 7.).
6.
The HSI calibration firmware uses the following peripherals: Clock (for trimming HSI),
Timer 2 (for measuring HSI), Beeper (for connecting LSE to Timer 2 if LSE method is
used). So, it is recommended to reconfigure these peripherals (if used in the
application) after running HSI calibration routine
7.
Real-time calibration vs. temperature can be used when the ambient temperature
changes noticeably while the application is running. The internal temperature sensor
can be used with the ADC watchdog with two thresholds. Each time an ADC watchdog
interrupt occurs, a new HSI calibration process has to be performed and the two
thresholds are updated according to the current temperature (this feature is not
implemented in this application note):
Threshold_High = CurrentTemperatureValue + TemperatureOffset
Threshold_Low = CurrentTemperatureValue – TemperatureOffset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com