Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 8Page - STMicroelectronics AN3101 Datasheet HTML 9Page - STMicroelectronics AN3101 Datasheet HTML 10Page - STMicroelectronics AN3101 Datasheet HTML 11Page - STMicroelectronics AN3101 Datasheet HTML 12Page - STMicroelectronics AN3101 Datasheet HTML 13Page - STMicroelectronics AN3101 Datasheet HTML 14Page - STMicroelectronics AN3101 Datasheet HTML 15Page - STMicroelectronics AN3101 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
High speed internal oscillator calibration
AN3101
12/24
DocID16612 Rev 6
2.3.2
HSI calibration with fixed error
The HSI_CalibrateFixedError() function is provided to calibrate the HSI clock with a
maximum allowed frequency error. It is configured by the user as an absolute value given in
Hertz (the first parameter: MaxAllowedError). This function is the same as
HSI_CalibrateMinError() (refer to Section 2.3.1.), but it searches for the frequency that has
an error (in absolute value) less than or equal to MaxAllowedError.
•
If it finds this frequency, it stops searching, configures the HSITRIMR register
according to this frequency and returns SUCCESS, meaning that the calibration
operation has been successfully performed.
•
Otherwise, it continues searching for it until the HSITRIM bits = HSICALR -12 (21st
frequency). It then sets the HSITRIMR register to the default calibration value and
returns ERROR, meaning that the calibration has failed and did not find any frequency
with an error less than or equal to MaxAllowedError.
The frequency measurements start with HSTRIM = HSICALR + 1 (unlike in the
HSI_CalibrateMinError() function where frequency measurements starts from
HSICALR - 12 to end with HSICALR + 8). The HSITRIM value is computed in loops to
find the next value: the HSITRIM value starts from HSICALR + 1, then goes to the next
value to the right: HSICALR + 2, then to the next to the left: HSICALR, then to the
second to the right HSICALR + 3 and so on until it reaches HSICALR + 8, forming a
“spring loop” (as shown in Figure 7).
This algorithm is based on the fact that the probability of finding the frequency that has
the minimum error increases when the HSITRIM bit value tends to HSICALR. This
algorithm is implemented to minimize the time consumed by the calibration process.
Figure 7. “Spring loop”
The second parameter is used to get the frequency (in Hertz) after calibration in the form of
an unsigned 32-bit integer (unit32_t).
The flowchart in Figure 8 gives the algorithm for this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com