Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 5Page - STMicroelectronics AN3101 Datasheet HTML 6Page - STMicroelectronics AN3101 Datasheet HTML 7Page - STMicroelectronics AN3101 Datasheet HTML 8Page - STMicroelectronics AN3101 Datasheet HTML 9Page - STMicroelectronics AN3101 Datasheet HTML 10Page - STMicroelectronics AN3101 Datasheet HTML 11Page - STMicroelectronics AN3101 Datasheet HTML 12Page - STMicroelectronics AN3101 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocID16612 Rev 6
9/24
AN3101
High speed internal oscillator calibration
23
2.2
Hardware implementation
2.2.1
Case where LSE is used as the reference frequency
STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx microcontroller devices offer a
very useful feature, i.e. the ability to connect low speed oscillators (LSI or LSE) to Timer 2
channel 1. Thus, the LSE clock can be used as the reference signal for HSI calibration and
no additional hardware connections are required. Only the LSE oscillator should be
connected to OSC32_IN and OSC32_OUT.
Figure 4 shows the hardware connections needed for HSI calibration using LSE as an
accurate frequency source for calibration.
Figure 4. Hardware connection using LSE as the reference frequency
2.2.2
Case where another source is used as the reference frequency
Any signal with accurate frequency can be used for HSI calibration and the mains frequency
is one of the possibilities.
Note:
Refer to the AN2868 application note (“STM32F10xx internal RC oscillator (HSI)
calibration”) for more details about using mains frequency for calibration.
As indicated in Figure 5, the reference frequency must be connected to Timer 2 channel 1
(PB0 pin).
Figure 5. Hardware connection using external reference frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com