Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3101 Datasheet HTML 1Page - STMicroelectronics AN3101 Datasheet HTML 2Page - STMicroelectronics AN3101 Datasheet HTML 3Page - STMicroelectronics AN3101 Datasheet HTML 4Page - STMicroelectronics AN3101 Datasheet HTML 5Page - STMicroelectronics AN3101 Datasheet HTML 6Page - STMicroelectronics AN3101 Datasheet HTML 7Page - STMicroelectronics AN3101 Datasheet HTML 8Page - STMicroelectronics AN3101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DocID16612 Rev 6
5/24
AN3101
System clock for STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx
23
1
System clock for STM8L05xxx/15xxx, STM8L162xx
and STM8AL31xx/3Lxx
The STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx microcontrollers offer
different clock sources that can be used to drive the system clock:
•
16 MHz high-speed internal (HSI) factory-trimmed RC clock
•
1 to 16 MHz high-speed external (HSE) oscillator clock
•
32.768 kHz low-speed external (LSE) oscillator clock
•
38 kHz low-speed internal (LSI) low-consumption clock
The internal RC oscillators (HSI and LSI) have the advantage of providing a low-cost clock
source (no external components required). It also has a faster startup time than the external
oscillator. However, even with calibration, the internal RC oscillator frequency is less
accurate than the frequency of an external crystal oscillator or ceramic resonator.
Note:
The internal oscillator can also be used as backup source (auxiliary clock) if the external
oscillator fails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com