Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 15Page - STMicroelectronics AN3101 Datasheet HTML 16Page - STMicroelectronics AN3101 Datasheet HTML 17Page - STMicroelectronics AN3101 Datasheet HTML 18Page - STMicroelectronics AN3101 Datasheet HTML 19Page - STMicroelectronics AN3101 Datasheet HTML 20Page - STMicroelectronics AN3101 Datasheet HTML 21Page - STMicroelectronics AN3101 Datasheet HTML 22Page - STMicroelectronics AN3101 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID16612 Rev 6
19/24
AN3101
Low speed internal oscillator measurement
23
3
Low speed internal oscillator measurement
The low-speed internal oscillator (LSI) is a low power clock source that can be kept running
in Active-halt and Run modes for the independent watchdog (IWDG). The LSI oscillator can
be switched on and off using the LSION bit in the internal clock register (CLK_ICKCR). The
LSI clock is an RC oscillator that can vary, due to environment temperature and supply
voltage, from 26 kHz to 56 kHz. This is the reason why a measurement of its real value is
required to avoid an unexpected behavior due to LSI frequency variation. In the
STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx microcontrollers, an internal
connection between Timer 2 channel 1 and the LSI clock is provided to simplify the LSI
measurement procedure, as shown in Figure 10.
Figure 10. Internal connection between LSI and Timer 2 channel 1
3.1
LSI measurement principle
The low-speed internal oscillator (LSI) measurement procedure consists in running the
TIM2 counter using the HSI clock, configuring the Timer 2 channel 1 in input capture mode
and then connecting the LSI clock to Timer 2 channel 1. Figure 11 shows the configuration
used to perform the LSI measurement.
Figure 11. LSI measurement configuration
After enabling the timer counter, when the first rising edge occurs, the timer counter value is
registered in IC1ReadValue1. On the second rising edge, the timer counter is captured in
IC1ReadValue2. The elapsed time between two consecutive rising edges of the LSI clock
represents an entire period. Figure 12 shows the timing diagram of LSI measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com