Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 9Page - STMicroelectronics AN3101 Datasheet HTML 10Page - STMicroelectronics AN3101 Datasheet HTML 11Page - STMicroelectronics AN3101 Datasheet HTML 12Page - STMicroelectronics AN3101 Datasheet HTML 13Page - STMicroelectronics AN3101 Datasheet HTML 14Page - STMicroelectronics AN3101 Datasheet HTML 15Page - STMicroelectronics AN3101 Datasheet HTML 16Page - STMicroelectronics AN3101 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID16612 Rev 6
13/24
AN3101
High speed internal oscillator calibration
23
Example
uint32_t CurrentHSIFrequency = 0;
ErrorStatus CalibStatus = ERROR;
......
{
......
/* Calibrate HSI with the maximum allowed error in Hz */
/* Set the maximum value of the error frequency at
+/- 60 000 Hz -> 0.375 % */
CalibStatus = HSI_CalibrateFixedError(60000, &CurrentHSIFrequency);
if(CalibStatus != ERROR)
{
STM_EVAL_LEDOn(LED1);
LCD_SetCursorPos(LCD_LINE2, 0);
LCD_Print("
SUCCESS
");
}
else
{
STM_EVAL_LEDOn(LED3);
LCD_SetCursorPos(LCD_LINE2, 0);
LCD_Print("
FAIL
");
}
......
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com