Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 14Page - STMicroelectronics AN3101 Datasheet HTML 15Page - STMicroelectronics AN3101 Datasheet HTML 16Page - STMicroelectronics AN3101 Datasheet HTML 17Page - STMicroelectronics AN3101 Datasheet HTML 18Page - STMicroelectronics AN3101 Datasheet HTML 19Page - STMicroelectronics AN3101 Datasheet HTML 20Page - STMicroelectronics AN3101 Datasheet HTML 21Page - STMicroelectronics AN3101 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
High speed internal oscillator calibration
AN3101
18/24
DocID16612 Rev 6
2.5
Calibration process performance
2.5.1
Duration of the calibration process
The duration of the calibration process depends on:
•
the used reference frequency;
•
the number of measured periods per frequency;
•
the number of measured frequencies during the calibration process.
Once peripherals are configured and ready, the duration of the calibration process is
approximated by:
Where:
–
NPeriod is the number of times the frequency is measured for each HSITRIM
configuration (the same frequency)
–
NFreq is the number of measured frequencies (number of HSITRIM values used
for the frequency measurement)
–
fREF is the frequency value (in Hz) of the reference signal (after the input capture
divider)
In the case of the calibration process with a minimum frequency error
(HSI_CalibrateMinError()) the number of NFreq is equal to 21. If the LSE oscillator is used
as the reference frequency (fREF = LSE value / input capture divider = 32768/8 = 4096 Hz)
and the selected number of measured periods configured by the user is 10, the calibration
lasts around 113 ms.
In the case of the calibration process with a maximum allowed error
(HSI_CalibrateFixedError()), NFreq changes from chip to chip. NFreq also depends on the
maximum allowed error that is selected. The higher the selected allowed error, the more
NFreq will tend to 1. The lower the selected allowed error, the more NFreq will tend to 21.
So, the duration of the calibration process with a maximum allowed error is lower than or
equal to the duration of calibration when using the minimum frequency error process.
Note:
The factor 2 in the CalibDuration formula above is due to the fact that there is no
synchronization between reference signal and timer start counting.
CalibDuration
2x
NPeriod 1
+
() NFreq
×
fREF
---------------------------------------------------------------
=
CalibDuration
2
11
30
×
4096
--------------------
×
113ms
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com