Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 16Page - STMicroelectronics AN3101 Datasheet HTML 17Page - STMicroelectronics AN3101 Datasheet HTML 18Page - STMicroelectronics AN3101 Datasheet HTML 19Page - STMicroelectronics AN3101 Datasheet HTML 20Page - STMicroelectronics AN3101 Datasheet HTML 21Page - STMicroelectronics AN3101 Datasheet HTML 22Page - STMicroelectronics AN3101 Datasheet HTML 23Page - STMicroelectronics AN3101 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Low speed internal oscillator measurement
AN3101
20/24
DocID16612 Rev 6
Figure 12. Timing diagram of LSI measurement
The LSI frequency value is computed as shown by the following formula:
LSI_Frequency = HSI_Value / Capture
where:
•
HSI_Value is the HSI frequency value (typically 16 MHz);
•
Capture represents an entire LSI period: IC1ReadValue2 - IC1ReadValue1.
As you can conclude from the formula above, the LSI measurement accuracy depends on
the HSI frequency accuracy. Consequently, if an external reference signal is available, the
user can run the HSI calibration routine described in Section 2 before performing the LSI
measurement procedure in order to get a more accurate HSI_Value.
The Input capture divider (or prescaler) can be used for better measurement accuracy. In
this case, the formula above becomes:
LSI_Frequency = InputCaptureDivider * HSI_Value / Capture_Value.
3.2
Description of the LSI clock measurement firmware
The LSI clock measurement firmware provided with this application note includes one major
function: LSI_FreqMeasure(void).
The LSI_FreqMeasure() function measures the LSI frequency value. It measures a
predefined number of LSI periods. Then it returns the average value to minimize the error of
measured frequency. The user can change this parameter (number of LSI periods) in the
lsi_measurement.h file.
#define LSI_PERIOD_NUMBERS 10
By default, the number of measured periods per frequency is set to 10.
To start the LSI measurement, save the user clock configuration and set the system
configuration for LSI measurement (select the HSI clock as system clock, configure Timer 2
channel 1 in input capture mode, connect LSI to Timer 2 channel 1...).
After system configuration, Timer 2 counter and capture 1 interrupt are enabled. This makes
it possible to save the captured values for the predefined number of LSI periods. Once the
measurement is performed, the average value is computed and returned after restoring the
system clock configuration. Figure 13 gives the flowchart of the LSI measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com