Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3101 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 16Page - STMicroelectronics AN3101 Datasheet HTML 17Page - STMicroelectronics AN3101 Datasheet HTML 18Page - STMicroelectronics AN3101 Datasheet HTML 19Page - STMicroelectronics AN3101 Datasheet HTML 20Page - STMicroelectronics AN3101 Datasheet HTML 21Page - STMicroelectronics AN3101 Datasheet HTML 22Page - STMicroelectronics AN3101 Datasheet HTML 23Page - STMicroelectronics AN3101 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Conclusions
AN3101
22/24
DocID16612 Rev 6
4
Conclusions
Even if internal RC oscillators are factory calibrated, the user should calibrate them in the
operating environment if a high clock accuracy is required in the application.
This application note gives two routines:
•
one for the high speed internal clock calibration: How to tune the HSI clock to 16 MHz?
•
one for the low speed internal clock measurement: How to get the exact LSI frequency
value?
Several frequency sources can be used to calibrate the HSI oscillator: the LSE crystal, the
AC line, etc. Whatever the reference frequency source, the HSI calibration principle is the
same: a reference signal must be provided to be measured by a timer. The higher the
accuracy of the reference signal frequency, the better the accuracy of the HSI frequency
measurement. The error is computed as the absolute value of the typical HSI frequency
value and the measured one for each HSITRIMR register configuration. From this, the
calibration value is calculated and then programmed in the HSITRIMR register.
The second section of this application note focuses on the LSI clock measurement. The
internal connection between the LSI clock and channel 1 of Timer 2 provided in
STM8L05xxx/15xxx, STM8L162xx and STM8AL31xx/3Lxx microcontrollers is used to get
the LSI frequency value. The Timer 2 is clocked using the HSI clock and Timer 2 channel 1
is configured in input capture mode. So the time between two consecutive rising edges of
LSI clock represents an entire period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com