Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 9Page - STMicroelectronics AN3375 Datasheet HTML 10Page - STMicroelectronics AN3375 Datasheet HTML 11Page - STMicroelectronics AN3375 Datasheet HTML 12Page - STMicroelectronics AN3375 Datasheet HTML 13Page - STMicroelectronics AN3375 Datasheet HTML 14Page - STMicroelectronics AN3375 Datasheet HTML 15Page - STMicroelectronics AN3375 Datasheet HTML 16Page - STMicroelectronics AN3375 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
AN3375
CR95HF low level layer
Doc ID 018637 Rev 1
13/73
2.3.3
ProtocolSelect function
This function sends a Protocol Select command to the CR95HF. It selects the RF
communication protocol, configures RF parameters, and switches the RF field on.
To set up communications with a contactless tag, the Protocol Select command shall be
sent to the CR95HF before the SendRecv command.
The Data parameter signification depends on the selected protocol (Protocol parameter).
Table 6 shows the parameter values for the ISO 15693 protocol.
Table 5.
CR95HF_ProtocolSelect function description
Function description
Prototype
result = int8_t CR95HF_ProtocolSelect(uc8
Length,uc8 Protocol,uc8 *Data,uint8_t *pResponse
Input parameter
Length: Number of data bytes
Protocol: type of protocol
Data: pointer to data
Output parameter
pResponse: pointer to CR95HF response
Return parameter
CR95HF_ERRORCODE_PARAMETER: function failed
CR95HF_SUCCESS_CODE: function successful
CR95HF_ERRORCODE_PARAMETERLENGTH: parameter length is
erroneous
Table 6.
CR95HF_ProtocolSelect ISO15693 protocol parameter
Parameter name
Byte
Bit
Value
Example
Command Code
0
7:0
0x02: Select command code
0x02020126
Length
1
7:0
0x02: number of bytes
Protocol
2
7:0
0x01: ISO15693 protocol
Parameter
3
7:6
RFU
5:4
00b: 26 kbps
01b: 52 kbps
10b: 6 kbps
11b: RFU
3
0b: respect 312µs delay
1b: wait for SOF
2
0b: 100 % modulation
1b: 10 % modulation
1
0b: single subcarrier
1b: dual subcarrier
0
0b: Do not append CRC
1b: append CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com