Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 25Page - STMicroelectronics AN3375 Datasheet HTML 26Page - STMicroelectronics AN3375 Datasheet HTML 27Page - STMicroelectronics AN3375 Datasheet HTML 28Page - STMicroelectronics AN3375 Datasheet HTML 29Page - STMicroelectronics AN3375 Datasheet HTML 30Page - STMicroelectronics AN3375 Datasheet HTML 31Page - STMicroelectronics AN3375 Datasheet HTML 32Page - STMicroelectronics AN3375 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
29/73
3.4.6
ISO15693_WriteSingleBlock function
This function sends a WriteSingleBlock command to the contactless tag.
3.4.7
ISO15693_LockSingleBlock function
This function sends a LockSingleBlock command to the contactless tag.
Table 29.
ISO15693_WriteSingleBlock function description
Function description
Prototype
result = int8_t
ISO15693_WriteSingleBlock(uc8 Flags,
uc8 *UIDin, uc8 BlockNumber,uc8
BlockLength,uc8 *DataToWrite,uc8
AppendCRC, uc8 *CRC16,uint8_t
*pResponse );
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
BlockNumber: block index
BlockLength: number of bytes in a block
DataToWrite: pointer to data to be written into contactless
tag memory
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
Table 30.
ISO15693_LockSingleBlock function description
Function description
Prototype
result = int8_t
ISO15693_LockSingleBlock (uc8 Flags,
uc8 *UIDin, uc8 BlockNumber,uc8
AppendCRC,uc8 *CRC16,uint8_t
*pResponse);
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
BlockNumber: block index
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com