Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 44Page - STMicroelectronics AN3375 Datasheet HTML 45Page - STMicroelectronics AN3375 Datasheet HTML 46Page - STMicroelectronics AN3375 Datasheet HTML 47Page - STMicroelectronics AN3375 Datasheet HTML 48Page - STMicroelectronics AN3375 Datasheet HTML 49Page - STMicroelectronics AN3375 Datasheet HTML 50Page - STMicroelectronics AN3375 Datasheet HTML 51Page - STMicroelectronics AN3375 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
ISO15693 library (intermediate layer)
AN3375
48/73
Doc ID 018637 Rev 1
3.9.4
ISO15693_SplitReadSingleBlockResponse function
This function returns the different information extracted from the response to a
ReadSingleBlock command.
Table 74.
ISO15693_SplitMemorySizeInfo function description
Function description
Prototype
result = int8_t
ISO15693_SplitMemorySizeInfo (uc16
MemSizeInfo,uint8_t *BlockSize ,uint8_t
*NbBlocks);
Input parameter
MemSizeInfo: Memory size field
Output parameter
BlockSize: size of contactless tag memory block
NbBlocks: number of blocks in the contactless tag memory
Return parameter
RESULTOK
Table 75.
ISO15693_SplitReadSingleBlockResponse function description
Function description
Prototype
result = int8_t
ISO15693_SplitReadSingleBlockResponse
(uc8 *pResponse,uc8 Length,uc8
NbByteOfData,uc8 OptionFlag,uint8_t
*Flags ,uint8_t *SecurityStatus,uint8_t
*Data,uint8_t *ErrorCode);
Input parameter
pResponse: pointer to CR95HF response
Length: number of bytes of pResponse
NbByteOfData: block length expressed in bytes
OptionFlag: Option flag of request flags
Output parameter
Flags: response flags
SecurityStatus: block security status (optional)
Data: pointer to a block
ErrorCode: CR95HF Error code
Return parameter
ISO15693_ERRORCODE_CRCRESIDUE: the contactless
tag residue is erroneous
RESULTOK: the contactless tag response is validated
CR95HF_ERROR_CODE: the CR95HF returned an error
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com