Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 12Page - STMicroelectronics AN3375 Datasheet HTML 13Page - STMicroelectronics AN3375 Datasheet HTML 14Page - STMicroelectronics AN3375 Datasheet HTML 15Page - STMicroelectronics AN3375 Datasheet HTML 16Page - STMicroelectronics AN3375 Datasheet HTML 17Page - STMicroelectronics AN3375 Datasheet HTML 18Page - STMicroelectronics AN3375 Datasheet HTML 19Page - STMicroelectronics AN3375 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
CR95HF low level layer
AN3375
16/73
Doc ID 018637 Rev 1
2.3.6
RdReg function
This function sends a RdReg command to the CR95HF to read the CR95HF internal
register.
2.3.7
BaudRate function
This function sends a BaudRate command to the CR95HF. It allows to configure the UART
baudrate.
For more details on this command, please refer to CR95HF datasheet.
Table 12.
CR95HF_RdReg
function description
Function description
Prototype
result = int8_t CR95HF_RdReg(uc8
Length,uc8 Address,uc8 RegCount,uc8
Flags,uint8_t *pResponse);
Input parameter
Length : Number of bytes (Address+RegCount+Flags)
Address: register address
RegCount: nb of byte to read
Flags: ST reserved (must be 0x00)
Output parameter
pResponse : pointer to CR95HF response
Return parameter
CR95HF_ERRORCODE_PARAMETER: function failed
CR95HF_SUCCESS_CODE: function successful
CR95HF_ERRORCODE_PARAMETERLENGTH:
parameter length is erroneous
Table 13.
CR95HF_BaudRate
function description
Function description
Prototype
result = int8_t CR95HF_BaudRate (uc8
BaudRate,uint8_t *pResponse);
Input parameter
BaudRate: new baud rate = 13.56/(2*BaudRate+2) Mbps
Output parameter
pResponse : pointer to the CR95HF response
Return parameter
CR95HF_SUCCESS_CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com