Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 31Page - STMicroelectronics AN3375 Datasheet HTML 32Page - STMicroelectronics AN3375 Datasheet HTML 33Page - STMicroelectronics AN3375 Datasheet HTML 34Page - STMicroelectronics AN3375 Datasheet HTML 35Page - STMicroelectronics AN3375 Datasheet HTML 36Page - STMicroelectronics AN3375 Datasheet HTML 37Page - STMicroelectronics AN3375 Datasheet HTML 38Page - STMicroelectronics AN3375 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
35/73
3.4.18
ISO15693_SendEOF function
This function transmits an RF pulse (EOF). This is useful for Inventory or write command
(ISO15693 command).
3.5
Advanced functions
The functions described in this section use the command functions to perform high level
tasks, e.g. returning the contactless tag UID, the AFI or the DFID field.
3.5.1
ISO15693_SelectProtocol function
This function sends a SelectProtocol command to the CR95HF. For more information,
please refer to CR95HF_ProtocolSelect function.
Table 41.
ISO15693_SendEOF function description
Function description
Prototype
result = int8_t ISO15693_SendEOF
(uint8_t *pResponse );
Input parameter
none
Output parameter
pResponse : pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
Table 42.
ISO15693_SelectProtocol function description
Function description
Prototype
result = int8_t ISO15693_SelectProtocol
(uc8 DataRate, uc8 TimeOrSOF, uc8
Modulation, uc8 SubCarrier, uc8
AppendCRC);
Input parameter
DataRate: Datarate
0: 26 Kbps
1: 52 Kbps
2: 6 Kbps
TimeOrSOF:
0: Respect 312
μs delay
1: Wait for SOF
Modulation: modulation depth (0 for 100 % and 1 for 10 %)
SubCarrier: single or dual subcarrier
0: single subcarrier
1: double subcarrier
AppendCRC: append CRC
0: CRC manages by user
1: CRC will be append by CR95HF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com