Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 42Page - STMicroelectronics AN3375 Datasheet HTML 43Page - STMicroelectronics AN3375 Datasheet HTML 44Page - STMicroelectronics AN3375 Datasheet HTML 45Page - STMicroelectronics AN3375 Datasheet HTML 46Page - STMicroelectronics AN3375 Datasheet HTML 47Page - STMicroelectronics AN3375 Datasheet HTML 48Page - STMicroelectronics AN3375 Datasheet HTML 49Page - STMicroelectronics AN3375 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
ISO15693 library (intermediate layer)
AN3375
46/73
Doc ID 018637 Rev 1
3.9
Split contactless tag response functions
An contactless tag response can contain various information. The functions described
herein split the contactless tag response and return the offset byte into the pResponse
parameter.
3.9.1
ISO15693_SplitInventoryResponse function
This function returns the response flags, DSFID byte and UID extracted from the inventory
response.
Table 71.
ISO15693_SplitInventoryResponse function description
Function description
Prototype
result = int8_t
ISO15693_SplitInventoryResponse
(uc8 *pResponse,uc8 Length,
uint8_t *Flags, uint8_t
*DSFIDextract, uint8_t *UIDout);
Input parameter
pResponse: pointer to CR95HF response
Length: number of byte of pResponse
Output parameter
Flags: response flags
DSFIDextract: DSFID byte
UIDout: UID index
Return parameter
ISO15693_ERRORCODE_CRCRESIDUE: the
contactless tag residue is erroneous
RESULTOK: the contactless tag response is valid
CR95HF_ERROR_CODE: the CR95HF returned
an error code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com