Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 17Page - STMicroelectronics AN3375 Datasheet HTML 18Page - STMicroelectronics AN3375 Datasheet HTML 19Page - STMicroelectronics AN3375 Datasheet HTML 20Page - STMicroelectronics AN3375 Datasheet HTML 21Page - STMicroelectronics AN3375 Datasheet HTML 22Page - STMicroelectronics AN3375 Datasheet HTML 23Page - STMicroelectronics AN3375 Datasheet HTML 24Page - STMicroelectronics AN3375 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
21/73
3
ISO15693 library (intermediate layer)
The library is composed of:
●
The ISO15693.c source file
●
The ISO15693.h include file
3.1
ISO15693 command format
Figure 4 shows ISO15693 command format.
Figure 4.
Format of ISO15693 commands
Where
●
SOF: start of frame
●
Request flag: 1 byte
●
Command code: 1 byte
●
Data: 1 or more bytes
●
CRC: 2 bytes
●
EOF: end of frame
3.1.1
EOF and SOF
The EOF and SOF are managed by the CR95HF.
3.1.2
CRC management
The ISO15693 standard specifies a two-byte CRC which it appended to the ISO15693
command and allows to check the integrity of data transmission between CR95HF and
contactless tag.
The two-byte CRC can be either computed by the user or by the CR95HF device, depending
on the value of the AppendCRC input parameter:
●
If AppendCRC is set to ‘0’, the CRC is calculated by the user application.
●
If AppendCRC is set to ‘1’, the CRC is calculated by the CR95HF. This configuration is
recommended to avoid calculation errors.
The CRC16 input parameter is appended to ISO15693 commands if the user has chosen to
manage the CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com