Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 35Page - STMicroelectronics AN3375 Datasheet HTML 36Page - STMicroelectronics AN3375 Datasheet HTML 37Page - STMicroelectronics AN3375 Datasheet HTML 38Page - STMicroelectronics AN3375 Datasheet HTML 39Page - STMicroelectronics AN3375 Datasheet HTML 40Page - STMicroelectronics AN3375 Datasheet HTML 41Page - STMicroelectronics AN3375 Datasheet HTML 42Page - STMicroelectronics AN3375 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
39/73
3.5.9
ISO15693_IsATagInTheField function
This function returns RESULTOK if at least one contactless tag is present in RF field.
3.5.10
ISO15693_IsTagErrorCode function
This function returns RESULTOK if error flag is set, ERRORCODE_GENERIC otherwise
3.6
Extract flag from request flags functions
These functions return a bit extracted from the request flags (a byte). For more information,
refer to ISO15693 specification and to M24LRXX-R datasheets.
Table 50.
ISO15693_IsATagInTheField function description
Function description
Prototype
result = int8_t
ISO15693_IsATagInTheField(uc8
*pTagReply);
Input parameter
pTagReply: pointer to contactless tag response
Output parameter
none
Return parameter
RESULTOK: a contactless tag is present in the RF field
ERRORCODE_GENERIC: no contactless tag detected
Table 51.
ISO15693_IsTagErrorCode function description
Function description
Prototype
result =
uint8_t ISO15693_IsTagErrorCode
(uc8 Flag);
Input parameter
Flag: response flags
Output parameter
none
Return parameter
RESULTOK: no error
ERRORCODE_GENERIC: error detected
Table 52.
Description of request flags 1 to 4
Bit No
Flag
Bit 1
Subcarrier_flag
Bit 2
Data_rate_flag
Bit 3
Inventory_flag
Bit 4
Protocol_extension_flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com