Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 10Page - STMicroelectronics AN3375 Datasheet HTML 11Page - STMicroelectronics AN3375 Datasheet HTML 12Page - STMicroelectronics AN3375 Datasheet HTML 13Page - STMicroelectronics AN3375 Datasheet HTML 14Page - STMicroelectronics AN3375 Datasheet HTML 15Page - STMicroelectronics AN3375 Datasheet HTML 16Page - STMicroelectronics AN3375 Datasheet HTML 17Page - STMicroelectronics AN3375 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
CR95HF low level layer
AN3375
14/73
Doc ID 018637 Rev 1
For more details concerning this command, refer to ISO15693 specifications.
2.3.4
SendRecv function
This function sends a SendRecv command. The parameter passed to the command is the
frame which is coded according to the protocol previously selected by issuing a Protocol
Select command. The CR95HF encodes the frame, transmits it at 13.56 MHz, and decodes
the contactless tag response.
The contactless tag response is then sent back in the pResponse parameter.
The input parameter depends on the selected protocol. Table 8 gives ISO15693 protocol
parameters.
If the CR95HF_SendRecv function is successful, it returns the CR95HF_SUCCESS_CODE
code (see Table 9)
Table 7.
CR95HF_SendRecv function description
Function description
Prototype
result = int8_t CR95HF_SendRecv (uc8
Length,uc8 *Parameters,uint8_t *pResponse)
Input parameter
Length: Number of bytes in Parameters
Parameters: pointer to data
Output parameter
pResponse : pointer to CR95HF response
Return parameter
CR95HF_ERRORCODE_PARAMETER: function failed
CR95HF_SUCCESS_CODE: function successful
CR95HF_ERRORCODE_PARAMETERLENGTH: parameter
length is erroneous
Table 8.
CR95HF_SendRecv ISO15693 protocol parameters
Parameter name
Byte
Bit
Value
Example
Command Code
0
7:0
0x04
0x0403260100
Length
1
7:0
0xXX
Data
2:X
7:0
0xXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com