Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3375 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 21Page - STMicroelectronics AN3375 Datasheet HTML 22Page - STMicroelectronics AN3375 Datasheet HTML 23Page - STMicroelectronics AN3375 Datasheet HTML 24Page - STMicroelectronics AN3375 Datasheet HTML 25Page - STMicroelectronics AN3375 Datasheet HTML 26Page - STMicroelectronics AN3375 Datasheet HTML 27Page - STMicroelectronics AN3375 Datasheet HTML 28Page - STMicroelectronics AN3375 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
25/73
3.3
CRC management functions
These functions compute either CRC or CRC residue according to the ISO15693
specifications.
3.3.1
ISO15693_CRC16 function
This function returns a 2-byte CRC value as defined in ISO15693 specifications.
3.3.2
ISO15693_IsCorrectCRC16Residue function
This function returns RESULTOK if the 2-byte CRC is correct.
The CR95HF library provides all the commands defined in the ISO/IEC FCD 15693-3
standard. Only the main command is described in the present section.
Table 22.
ISO15693_CRC16 function description
Function description
Prototype
result = int16_t ISO15693_CRC16 (uc8
*DataIn, uc8 Length);
Input parameter
DataIn: pointer on input data
Length: Number of byte of data
Output parameter
none
Return parameter
computed 2 byte CRC
Table 23.
ISO15693_IsCorrectCRC16Residue function description
Function description
Prototype
result = int8_t
ISO15693_IsCorrectCRC16Residue (uc8
*DataIn,uc8 Length);
Input parameter
DataIn: input data
Length: Number of byte of data
Output parameter
none
Return parameter
RESULTOK: CRC Residue is conform to ISO15693
ERRORCODE_GENERIC: CRC Residue is not conform to
ISO15693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com