Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 30 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 30 Page - NEC

Back Button UPD70F3003A Datasheet HTML 26Page - NEC UPD70F3003A Datasheet HTML 27Page - NEC UPD70F3003A Datasheet HTML 28Page - NEC UPD70F3003A Datasheet HTML 29Page - NEC UPD70F3003A Datasheet HTML 30Page - NEC UPD70F3003A Datasheet HTML 31Page - NEC UPD70F3003A Datasheet HTML 32Page - NEC UPD70F3003A Datasheet HTML 33Page - NEC UPD70F3003A Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
µPD70F3003A, 70F3025A
30
Data Sheet U13189EJ3V0DS00
(9) CSI timing (1/2)
(a) Master mode
(i)
CSI0-CSI2 timing
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
SCKn cycle
<67>
tCYSK1
Output
160
120
ns
SCKn width, high
<68>
tWSKH1
Output
0.5 tCYSK1 – 20
0.5 tCYSK1 – 20
ns
SCKn width, low
<69>
tWSKL1
Output
0.5 tCYSK1 – 20
0.5 tCYSK1 – 20
ns
SIn setup time (vs. SCKn
↑)
<70>
tSSISK1
30
30
ns
SIn hold time (vs. SCKn
↑)
<71>
tHSKSI1
00
ns
SOn output delay time (vs. SCKn
↓) <72> tDSKSO1
18
18
ns
SOn output hold time (vs. SCKn
↑) <73> tHSKSO1
0.5 tCYSK1 – 5
0.5 tCYSK1 – 5
ns
Remark n = 0-2
(ii) CSI3 timing
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
SCK3 cycle
<67>
tCYSK3
Output
500
500
ns
SCK3 width, high
<68>
tWSKH3
Output
0.5 tCYSK3 – 70
0.5 tCYSK3 – 70
ns
SCK3 width, low
<69>
tWSKL3
Output
0.5 tCYSK3 – 70
0.5 tCYSK3 – 70
ns
SI3 setup time (vs. SCK3
↑)
<70>
tSSISK3
100
100
ns
SI3 hold time (vs. SCK3
↑)
<71>
tHSKSI3
50
50
ns
SO3 output delay time (vs. SCK3
↓) <72> tDSKSO3
RL = 1.5 K
Ω
150
150
ns
CL = 50 pF
SO3 output hold time (vs. SCK3
↑) <73> tHSKSO3
0.5 tCYSK3 – 5
0.5 tCYSK3 – 5
ns
Remark RL and CL are the load resistance and load capacitance respectively of the SCK3 and SO3 output
lines.
(b) Slave mode
(i)
CSI0-CSI2 timing
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
SCKn cycle
<67>
tCYSK2
Input
160
120
ns
SCKn width, high
<68>
tWSKH2
Input
50
30
ns
SCKn width, low
<69>
tWSKL2
Input
50
30
ns
SIn setup time (vs. SCKn
↑)
<70>
tSSISK2
10
10
ns
SIn hold time (vs. SCKn
↑)
<71>
tHSKSI2
10
10
ns
SOn output delay time (vs. SCKn
↓) <72> tDSKSO2
30
30
ns
SOn output hold time (vs. SCKn
↑) <73> tHSKSO2
tWSKH2
tWSKH2
ns
Remark n = 0-2
RL = 1.5
k
Ω
CL = 50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com