Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 32 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 32 Page - NEC

Back Button UPD70F3003A Datasheet HTML 28Page - NEC UPD70F3003A Datasheet HTML 29Page - NEC UPD70F3003A Datasheet HTML 30Page - NEC UPD70F3003A Datasheet HTML 31Page - NEC UPD70F3003A Datasheet HTML 32Page - NEC UPD70F3003A Datasheet HTML 33Page - NEC UPD70F3003A Datasheet HTML 34Page - NEC UPD70F3003A Datasheet HTML 35Page - NEC UPD70F3003A Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
µPD70F3003A, 70F3025A
32
Data Sheet U13189EJ3V0DS00
(10) RPU timing
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
TI1n width, high
<74>
tWTIH
3 T + 10
3 T + 10
ns
TI1n width, low
<75>
tWTIL
3 T + 10
3 T + 10
ns
TCLR1n width, high
<76>
tWTCH
3 T + 10
3 T + 10
ns
TCLR1n width, low
<77>
tWTCL
3 T + 10
3 T + 10
ns
Remark
T = tCYK
TI1n (input)
<74>
<75>
TCLR1n (input)
<76>
<77>
Remark n = 1-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com