Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 36 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 36 Page - NEC

Back Button UPD70F3003A Datasheet HTML 32Page - NEC UPD70F3003A Datasheet HTML 33Page - NEC UPD70F3003A Datasheet HTML 34Page - NEC UPD70F3003A Datasheet HTML 35Page - NEC UPD70F3003A Datasheet HTML 36Page - NEC UPD70F3003A Datasheet HTML 37Page - NEC UPD70F3003A Datasheet HTML 38Page - NEC UPD70F3003A Datasheet HTML 39Page - NEC UPD70F3003A Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
µPD70F3003A, 70F3025A
36
Data Sheet U13189EJ3V0DS00
Serial Write Operation Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD
↑→ RESET ↑ setup time
<101>
tDRRR
10
ms
VPP
↑→ RESET ↑ setup time
<102>
tPSRR
1.0
µs
RESET
↑→ VPP count start time
<103>
tRRCF
5T + 500
ns
Count end time
<104>
tCOUNT
10
ms
VPP counter width, high
<105>
tCH
1.0
µs
VPP counter width, low
<106>
tCL
1.0
µs
Remark
T = tCYK
<104>
<103>
<106>
<102>
<101>
<105>
VDD
0 V
VPPH
VPPM
VPP
VDD
VPPL
VDD
0 V
RESET (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com