Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 17 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 17 Page - NEC

Back Button UPD70F3003A Datasheet HTML 13Page - NEC UPD70F3003A Datasheet HTML 14Page - NEC UPD70F3003A Datasheet HTML 15Page - NEC UPD70F3003A Datasheet HTML 16Page - NEC UPD70F3003A Datasheet HTML 17Page - NEC UPD70F3003A Datasheet HTML 18Page - NEC UPD70F3003A Datasheet HTML 19Page - NEC UPD70F3003A Datasheet HTML 20Page - NEC UPD70F3003A Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
µPD70F3003A, 70F3025A
17
Data Sheet U13189EJ3V0DS00
Data Retention Characteristics (TA = –40 to +85
°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Data hold voltage
VDDDR
STOP mode
1.5
5.5
V
Data hold current
IDDDR
VDD = VDDDR
–40
°C ≤ TA ≤ +50°C
0.2 VDDDR
50
µA
50
°C < TA ≤ 85°C
0.2 VDDDR
200
µA
Supply voltage rise time
tRVD
200
µs
Supply voltage fall time
tFVD
200
µs
Supply voltage hold time
tHVD
0ms
(vs. STOP mode setting)
STOP mode release signal input time
tDREL
0ns
Data hold input voltage, high
VIHDR
Note
0.9 VDDDR
VDDDR
V
Data hold input voltage, low
VILDR
Note
0
0.1 VDDDR
V
Note
P02/TCLR11, P03/TI11, P04/INTP110-P07/INTP113, P12/TCLR12, P13/TI12, P14/INTP120, P15/INTP121/
SO2, P16/INTP122/SI2, P17/INTP123/SCK2, P23/RXD0/SI0, P24/SCK0, P26/RXD1/SI1, P27/SCK1, P32/
TCLR32, P33/TI13, P34/INTP130, P35/INTP131/SO3, P36/INTP132/SI3, P37/INTP133/SCK3, P112/
TCLR14, P113/TI14, P114/INTP140-P117/INTP143, RESET, NMI, MODE, X1
Remark
TYP. value is a value for your reference at TA = 25
°C and VDD = 5.0 V.
tHVD
VDD
VDD
tFVD
tRVD
tDREL
VDD
VDDDR
RESET (input)
VIHDR
NMI (input)
(Release by falling edge)
VIHDR
VILDR
NMI (input)
(Release by rising edge)
STOP mode is set (at fifth clock after PSC register has been set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com