Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 4 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 4 Page - NEC

  UPD70F3003A Datasheet HTML 1Page - NEC UPD70F3003A Datasheet HTML 2Page - NEC UPD70F3003A Datasheet HTML 3Page - NEC UPD70F3003A Datasheet HTML 4Page - NEC UPD70F3003A Datasheet HTML 5Page - NEC UPD70F3003A Datasheet HTML 6Page - NEC UPD70F3003A Datasheet HTML 7Page - NEC UPD70F3003A Datasheet HTML 8Page - NEC UPD70F3003A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
µPD70F3003A, 70F3025A
4
Data Sheet U13189EJ3V0DS00
INTERNAL BLOCK DIAGRAM
INTP110-INTP113
INTP120-INTP123
INTP130-INTP133
INTP140-INTP143
NMI
TO110, TO111
TO120, TO121
TO130, TO131
TO140, TO141
TCLR11-TCLR14
TI11-TI14
SO0/TXD0
INTC
RPU
CSI2
SIO
BRG2
CSI3
Flash memory
Note 1
RAM
Note 2
CPU
PC
32-bit
barrel shifter
System
register
General-
purpose
register
32 bits
× 32
ALU
Multiplier
16
× 16 → 32
Ports
CG
BCU
Instruction
queue
ASTB
DSTB
R/W
UBEN
LBEN
WAIT
A16-A19
AD0-AD15
HLDRQ
HLDAK
CKSEL
CLKOUT
X1
X2
MODE
RESET
UART0/CSI0
BRG0
UART1/CSI1
BRG1
D/A
Converter
A/D
Converter
SI0/RXD0
SCK0
SO1/TXD1
SI1/RXD1
SCK1
SO2
SI2
SCK2
SO3
SI3
SCK3
PWM
PWM0, PWM1
VDD
VSS
CVDD
CVSS
VPP
Notes 1.
µPD70F3003A : 128K bytes
µPD70F3025A: 256K bytes
2.
µPD70F3003A: 4K bytes
µPD70F3025A: 8K bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com