Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 21 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 21 Page - NEC

Back Button UPD70F3003A Datasheet HTML 17Page - NEC UPD70F3003A Datasheet HTML 18Page - NEC UPD70F3003A Datasheet HTML 19Page - NEC UPD70F3003A Datasheet HTML 20Page - NEC UPD70F3003A Datasheet HTML 21Page - NEC UPD70F3003A Datasheet HTML 22Page - NEC UPD70F3003A Datasheet HTML 23Page - NEC UPD70F3003A Datasheet HTML 24Page - NEC UPD70F3003A Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
µPD70F3003A, 70F3025A
21
Data Sheet U13189EJ3V0DS00
(3) Output wave (other than CLKOUT)
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
Output rise time
<16>
tOR
10
10
ns
Output fall time
<17>
tOF
10
10
ns
(4) Reset timing
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
RESET width, high
<18>
tWRSH
500
500
ns
RESET width, low
<19>
tWRSL
On power appli-
500 + TOST
500 + TOST
ns
cation, or on
releasing STOP
mode
Except on power
500
500
ns
application, or
except on releas-
ing STOP mode
Remark
TOST: oscillation stabilization time
0.8 V
2.2 V
Output signal
< 16 >
< 17 >
2.2 V
0.8 V
RESET (input)
< 18 >
< 19 >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com