Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 35 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 35 Page - NEC

Back Button UPD70F3003A Datasheet HTML 31Page - NEC UPD70F3003A Datasheet HTML 32Page - NEC UPD70F3003A Datasheet HTML 33Page - NEC UPD70F3003A Datasheet HTML 34Page - NEC UPD70F3003A Datasheet HTML 35Page - NEC UPD70F3003A Datasheet HTML 36Page - NEC UPD70F3003A Datasheet HTML 37Page - NEC UPD70F3003A Datasheet HTML 38Page - NEC UPD70F3003A Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
µPD70F3003A, 70F3025A
35
Data Sheet U13189EJ3V0DS00
3.2 Flash Memory Programming Mode
Basic Characteristics (TA = 10 to 40
°C (when rewrifing), TA = –40 to +85°C (when not rewriting))
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating frequency
fX
10
33
MHz
Supply voltage
VDD
4.5
5.5
V
VPPL
VPP low level detection
–0.5
0.2 VDD
V
VPPM
VPP, VDD level detection
0.8 VDD
1.2 VDD
V
VPPH
VPP high voltage detection
9.7
10.3
10.6
V
VDD supply current
IDO
3.0
×
φ + 25
mA
VPP supply current
IPP
VPP = 10.3 V
200
mA
Number of rewriteNote
CWRT
20
times
Note
Operation is not guaranteed when rewrite is performed more than 20 times.
Cautions 1. VPP pull-down resistance value (RVPP) is recommended to be in the range 5 k
Ω to 15 kΩ.
2. Set the transfer rate between programmer and device as follows.
CSI0
: 0.2 to 1 MHz
UART0: 4800 to 76800 bps
Remark
φ: Internal system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com