Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 16 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 16 Page - NEC

Back Button UPD70F3003A Datasheet HTML 12Page - NEC UPD70F3003A Datasheet HTML 13Page - NEC UPD70F3003A Datasheet HTML 14Page - NEC UPD70F3003A Datasheet HTML 15Page - NEC UPD70F3003A Datasheet HTML 16Page - NEC UPD70F3003A Datasheet HTML 17Page - NEC UPD70F3003A Datasheet HTML 18Page - NEC UPD70F3003A Datasheet HTML 19Page - NEC UPD70F3003A Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
µPD70F3003A, 70F3025A
16
Data Sheet U13189EJ3V0DS00
(2/2)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply
µPD70F3003A Operating
IDD1
Direct modeNote 2
2.2
×
φ + 7.5 2.5 × φ + 22
mA
current
PLL modeNote 2
2.3
×
φ + 9.5 2.6 × φ + 25
mA
In HALT mode
IDD2
Direct modeNote 2
1.2
×
φ + 7.5 1.3 × φ + 15
mA
PLL modeNote 2
1.3
×
φ + 9.5 1.4 × φ + 17
mA
In IDLE mode
IDD3
Direct modeNote 2
8
×
φ + 300 10 × φ + 500
µA
PLL modeNote 2
0.1
×
φ + 2
0.2
×
φ + 3
mA
In STOP mode
IDD4
CESEL = 0, Note 3
250
µA
CESEL = 0, Note 4
2
200
µA
CESEL = 1, Note 3
30
200
µA
CESEL = 1, Note 4
30
500
µA
µPD70F3025A Operating
IDD1
Direct modeNote 2
2.5
×
φ + 8 2.8 × φ + 22.5
mA
PLL modeNote 2
2.6
×
φ + 10 2.9 × φ + 25.5
mA
In HALT mode
IDD2
Direct modeNote 2
1.3
×
φ + 7.5 1.4 × φ + 15
mA
PLL modeNote 2
1.3
×
φ + 12.5 1.4 × φ + 20
mA
In IDLE mode
IDD3
Direct modeNote 2
8
×
φ + 300 10 × φ + 500
µA
PLL modeNote 2
0.1
×
φ + 2
0.2
×
φ + 3
mA
In STOP mode
IDD4
CESEL = 0, Note 3
250
µA
CESEL = 0, Note 4
2
200
µA
CESEL = 1, Note 3
60
300
µA
CESEL = 1, Note 4
60
500
µA
Notes 1. P02/TCLR11, P03/TI11, P04/INTP110-P07/INTP113, P12/TCLR12, P13/TI12, P14/INTP120, P15/
INTP121/SO2, P16/INTP122/SI2, P17/INTP123/SCK2, P23/RXD0/SI0, P24/SCK0, P26/RXD1/SI1,
P27/SCK1, P32/TCLR32, P33/TI13, P34/INTP130, P35/INTP131/SO3, P36/INTP132/SI3, P37/INTP133/
SCK3, P112/TCLR14, P113/TI14, P114/INTP140-P117/INTP143, RESET, NMI, MODE
2. When A/D converter used
:
φ = 5 to 33 MHz
When A/D converter not used :
φ = 2 to 33 MHz
3. –40
°C ≤ TA ≤ +50°C
4. 50
°C < TA ≤ 85°C
Remarks 1. TYP. value is a value for your reference at TA = 25
°C and VDD = 5.0 V. The supply current does
not include AVREF1-AVREF3 and the current running through the software pull-up resistor.
2.
φ : Internal system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com