Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 20 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 20 Page - NEC

Back Button UPD70F3003A Datasheet HTML 16Page - NEC UPD70F3003A Datasheet HTML 17Page - NEC UPD70F3003A Datasheet HTML 18Page - NEC UPD70F3003A Datasheet HTML 19Page - NEC UPD70F3003A Datasheet HTML 20Page - NEC UPD70F3003A Datasheet HTML 21Page - NEC UPD70F3003A Datasheet HTML 22Page - NEC UPD70F3003A Datasheet HTML 23Page - NEC UPD70F3003A Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
µPD70F3003A, 70F3025A
20
Data Sheet U13189EJ3V0DS00
(2) Input wave
(a) P02/TCLR11, P03/TI11, P04/INTP110-P07/INTP113, P12/TCLR12, P13/TI12, P14/INTP120, P15/INTP121/
SO2, P16/INTP122/SI2, P17/INTP123/SCK2, P23/RXD0/SI0, P24/SCK0, P26/RXD1/SI1, P27/SCK1, P32/
TCLR32, P33/TI13, P34/INTP130, P35/INTP131/SO3, P36/INTP132/SI3, P37/INTP133/SCK3, P112/TCLR14,
P113/TI14, P114/INTP140-P117/INTP143, RESET, NMI, MODE
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
Input rise time
<12>
tIR2
20
20
ns
Input fall time
<13>
tIF2
20
20
ns
(b) Other than (a)
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
Input rise time
<14>
tIR1
10
10
ns
Input fall time
<15>
tIF1
10
10
ns
0.8 VDD
0.2 VDD
0.8 VDD
0.2 VDD
VDD
0 V
Input signal
< 13 >
< 12 >
2.2 V
0.8 V
2.2 V
0.8 V
2.4 V
0.4 V
Input signal
< 15 >
< 14 >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com