Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 38 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 38 Page - NEC

Back Button UPD70F3003A Datasheet HTML 34Page - NEC UPD70F3003A Datasheet HTML 35Page - NEC UPD70F3003A Datasheet HTML 36Page - NEC UPD70F3003A Datasheet HTML 37Page - NEC UPD70F3003A Datasheet HTML 38Page - NEC UPD70F3003A Datasheet HTML 39Page - NEC UPD70F3003A Datasheet HTML 40Page - NEC UPD70F3003A Datasheet HTML 41Page - NEC UPD70F3003A Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
µPD70F3003A, 70F3025A
38
Data Sheet U13189EJ3V0DS00
5. RECOMMENDED SOLDERING CONDITIONS
Solder this product under the following recommended conditions.
For details of the recommended soldering conditions, refer to information document Semiconductor Device
Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended, consult NEC.
Table 5-1. Soldering Conditions
µPD70F3003AGC-25-8EU : 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
µPD70F3003AGC-33-8EU : 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
µPD70F3025AGC-25-8EU : 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
µPD70F3025AGC-33-8EU : 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
Soldering Method
Soldering Condition
Symbol of Recommended
Soldering Condition
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds max.
IR35-103-3
(210
°C min.), Number of times: 3 max., Number of days:
3Note (after that, prebaking is necessary at 125
°C
for 10 hours.)
VPS
Package peak temperature: 215
°C, Time: 40 seconds max.
VP15-103-3
(200
°C min.), Number of times: 3 max., Number of days:
3Note (after that, prebaking is necessary at 125
°C
for 10 hours.)
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per
—
side of device)
Note
The number of days for storage at 25
°C, 65% RH MAX after the dry pack has been opened.
Caution
Do not use two or more soldering methods in combination (except partial heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com