Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 4Page - Linear Technology LT1533CS Datasheet HTML 5Page - Linear Technology LT1533CS Datasheet HTML 6Page - Linear Technology LT1533CS Datasheet HTML 7Page - Linear Technology LT1533CS Datasheet HTML 8Page - Linear Technology LT1533CS Datasheet HTML 9Page - Linear Technology LT1533CS Datasheet HTML 10Page - Linear Technology LT1533CS Datasheet HTML 11Page - Linear Technology LT1533CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1533
APPLICATIONS INFORMATION
It is beyond the scope of this data sheet to get into EMI
fundamentals. AN70 contains much information concern-
ing noise in switching regulators and should be consulted.
Oscillator Frequency
The oscillator determines the switching frequency and
therefore the fundamental positioning of all harmonics.
The use of good quality external components is important
to ensure oscillator frequency stability. The oscillator is a
sawtooth design. A current defined by external resistor RT
is used to charge and discharge the capacitor CT. The
discharge rate is approximately ten times the charge rate.
By allowing the user to have control over both compo-
nents, trimming of oscillator frequency can be more easily
achieved.
The external capacitance CT is chosen by:
CT(nF) = 2180/[fOSC(kHz) • RT(kΩ)]
where fOSC is the desired oscillator frequency in kHz.
For RT equal to 16.9k, this simplifies to:
CT(nF) = 129/fOSC(kHz),
e.g., CT = 1.29nF for fOSC = 100kHz
Nominally RT should be 16.9k. Since it sets up current, its
temperature coefficient should be selected to compliment
the capacitor. Ideally, both should have low temperature
coefficients.
When the DUTY pin is high or floating, the outputs will be
turned off during the discharge time of the oscillator. Due
to slew rate control, turning off the outputs does not
produce immediate transitions. Turn-off will require the
current to ramp down and the switch voltage to ramp up.
If the DUTY pin is grounded, then the outputs will turn on
or off starting with the clock discharge.
If the FB pin is below 0.4V the oscillator discharge time will
increase, causing the oscillation frequency to decrease by
approximately 6:1. This feature helps minimize power
dissipation during start-up and short-circuit conditions.
Oscillator frequency is important for noise reduction in
two ways: 1) the lower the oscillator frequency the lower
the harmonics of waveforms are, making it easier to filter
them, 2) the oscillator will control the placement of output
frequency harmonics which can aid in specific problems
where you might be trying to avoid a certain frequency
bandwidth that is used for detection elsewhere.
Oscillator Sync
If a more precise frequency is desired (e.g., to accurately
place harmonics) the oscillator can be synchronized to an
external clock. Set the RC timing components for an
oscillator frequency 10% lower than the desired sync
frequency.
Drive the SYNC pin with a square wave (with greater than
1.4V amplitude). The rising edge of the sync square wave
will initiate clock discharge. The sync pulse should have a
minimum pulse width of 0.5
µs.
Be careful in sync’ing to frequencies much different from
the part since the internal oscillator charge slope deter-
mines slope compensation. It would be possible to get into
subharmonic oscillation if the sync doesn’t allow for the
charge cycle of the capacitor to initiate slope compensa-
tion. In general, this will not be a problem until the sync
frequency is greater than 1.5 times the oscillator free-run
frequency.
Slew Rate Setting
Setting the voltage and current slew rates is easy. External
resistors to ground on the RVSL and RCSL pins determine
the slew rates. Determining what slew rate to use is more
difficult. There are several ways to approach the problem.
First, start by putting a 50k resistor pot with a 3.9k series
resistance on each pin. In general, the next step will be to
monitor the noise that you are concerned with. Be careful
with measurement technique (consult AN70). Keep probe
ground leads very short.
Usually it will be desirable to keep the voltage and current
slew resistors approximately the same. There are circum-
stances where a better optimization can be found by
adjusting each separately, but as these values are sepa-
rated further, a loss of independence of control will occur.
Starting from the lowest resistor setting adjust the pots
until the noise level meets your guidelines. Note that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com