Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 10Page - Linear Technology LT1533CS Datasheet HTML 11Page - Linear Technology LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology LT1533CS Datasheet HTML 14Page - Linear Technology LT1533CS Datasheet HTML 15Page - Linear Technology LT1533CS Datasheet HTML 16Page - Linear Technology LT1533CS Datasheet HTML 17Page - Linear Technology LT1533CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1533
APPLICATIONS INFORMATION
Ceramic: Generally used for high frequency and high
voltage bypass. If all ceramic capacitors are used, they can
have such a low ESR as to cause loop stability problems.
Often they can resonate with their ESL before ESR be-
comes effective.
Input Capacitor
The requirements for the input capacitor are less stringent
for this part. Input current ripple is lower because of the
push-pull action and low noise features of the part. How-
ever, the input capacitor should have low ESR at high
frequencies since this will be an important factor concern-
ing how much conducted noise is created. Values of input
capacitor will typically be in the 1
µF to 22µF range with
ESR under 0.3
Ω.
The input capacitor can see a high surge current when a
battery of high capacitance source is connected “live.”
Some solid tantalum capacitors can fail under this condi-
tion. Several manufacturers have developed a line of solid
tantalum capacitors specially tested for surge capability
(e.g., AVX TPS series). However, even these units may fail
if the input voltage approaches the maximum voltage
rating of the capacitor. AVX recommends derating capaci-
tor voltage by 2:1 for high surge applications.
Output Filter Capacitor
Output capacitors are usually chosen on the basis of ESR
since this will determine output ripple. Typical required
ESR will be in the 0.05
Ω to 0.3Ω range.
The specific value for capacitance will depend on topol-
ogy. A typical output capacitor is an AVX type TPS, 22
µF
and 25V with a guaranteed ESR less than 0.2
Ω. To further
reduce ESR, multiple output capacitors can be used in
parallel. The value in microfarads is not particularly impor-
tant. A small 22
µF tantalum capacitor will have high ESR
and higher output voltage ripple. Table 1 shows some
typical surface mount capacitors.
Table 1
SIZE
CAPACITOR
ESR (MAX
Ω)
E CASE
AVX TPS, Sprague 593D
0.1 to 0.3
AVX TAJ
0.7 to 0.9
D CASE
AVX TPS, Sprague 593D
0.1 to 0.3
AVX TAJ
0.9 to 2.0
Panasonic CD
0.05 to 0.18
C CASE
AVX TPS
0.2 (Typ)
AVX TAJ
1.8 to 3.0
B CASE
AVX TAJ
2.5 to 10
Switching Diodes
In general, switching diodes should be Schottky diodes
such as 1N5818 or MBR130 (1A/30V). Low output current
applications may use 1N4148 switching diodes.
Unregulated Applications
The LT1533 can be used to create a low noise “DC
transformer” unregulated power supply. DC transformers
are open-loop switching regulators where the output
voltage is controlled by the turns ratio of the transformer.
A DC transformer provides a low cost isolated supply.
For such applications, the DUTY pin of the LT1533 should
be grounded. This will force the outputs into a 50% on,
50% off mode. Note that because of slew control there will
be some variance from 50%. Figure 6 shows a 5V to
±12V
DC transformer.
One concern with this type of application is having both
switch outputs transition at the same time. This can cause
both primary side windings to have positive EMF added to
the winding, causing the current to run away. Since this
part controls slew rate this won’t happen. It is possible to
see slightly increased total current draw when both drivers
are on, but this will be controlled and observable. Since the
outputs share a common sense resistor, the outputs will
turn off when the total current in both exceeds the limit set
by the VC pin.
The FB pin should be DC biased between 0.7V and 1.2V to
prevent frequency shifting from occurring. This also en-
sures that the VC pin is set to its upper clamp, providing
peak output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com