Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology LT1533CS Datasheet HTML 14Page - Linear Technology LT1533CS Datasheet HTML 15Page - Linear Technology LT1533CS Datasheet HTML 16Page - Linear Technology LT1533CS Datasheet HTML 17Page - Linear Technology LT1533CS Datasheet HTML 18Page - Linear Technology LT1533CS Datasheet HTML 19Page - Linear Technology LT1533CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1533
TYPICAL APPLICATIONS
Low Noise 5V to –12V Forward Push-Pull Converter. Output Noise Is Below 100
µV.
Noise Performance Is Identical to Positive Output Version. See AN70 for Details
SHDN
DUTY
SYNC
COL A
COL B
PGND
RVSL
RCSL
NFB
FB
LT1533
GND
VIN
5V
14
2
15
16
13
12
8
11
3
4
5
6
10
3300pF
18k
0.01
µF
15k
L1
4.7
µF
15k
+
T1
1N4148
1N4148
L2
100
µH
L3
100
µH
2.4k
1%
7
9
9.6k
1%
47
µF
47
µF
L1: 22nH INDUCTOR. COILCRAFT B-07T TYPICAL,
TRACE INDUCTANE OR BEAD
L2, L3: COILTRONICS CTX100-3
T1: COILTRONICS CTX02-13665-X1
–12V
1533 TA03
CT
RT
VC
OPTIONAL FOR
LOWEST RIPPLE
()
SHDN
DUTY
SYNC
COL A
COL B
PGND
RVSL
RCSL
FB
NFB
LT1533
GND
VIN
2.7V TO 4V
(3 NiCd BATTERIES)
14
2
15
16
13
12
7
11
3
4
5
6
10
3300pF
18k
0.01
µF
15k
L2
4.7
µF
15k
+
T1
L1
100
µH
L3
100
µH
3.48k
1%
8
9
21.5k
1%
47
µF
+
47
µF
9V
1N4148
1N4148
L1, L3: COILTRONICS CTX100-3
L2: 22nH TRACE INDUCTANCE, FERRITE BEAD OR
INDUCTOR COILCRAFT B-07T TYPICAL
T1: CTX02-13665-X1
1533 TA04
+
CT
RT
VC
OPTIONAL FOR
LOWEST RIPPLE
()
Electronic Equivalent of 9V Battery Operates from Three NiCd Cells.
Output Noise Is Below 100
µV. See AN70 for Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com