Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 5Page - Linear Technology LT1533CS Datasheet HTML 6Page - Linear Technology LT1533CS Datasheet HTML 7Page - Linear Technology LT1533CS Datasheet HTML 8Page - Linear Technology LT1533CS Datasheet HTML 9Page - Linear Technology LT1533CS Datasheet HTML 10Page - Linear Technology LT1533CS Datasheet HTML 11Page - Linear Technology LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1533
slower slewing waveforms will dissipate more power so
that efficiency will drop. You can also monitor this as you
make your slew adjustment by measuring input and out-
put voltage and current.
It is possible to use a single slew setting resistor. In this
case the RVSL and RCSL pins are tied together. A resistor
with a value of 2k to 34k (one half the individual resistors)
can then be tied from these pins to ground.
Emitter Inductance
A small inductance in the power ground minimizes a
potential dip in the output current falling edge that can
occur under fast slewing, 25nH is usually sufficient. Greater
than 50nH may produce unwanted oscillations in the
voltage output. The inductance can be created by wire or
board trace with the equivalent of one inch of straight
length. A spiral board trace will require less length.
Positive Output Voltage Setting
Sensing of a positive output voltage is usually done using
a resistor divider from the output to the FB pin. The
positive input to the error amp is connected internally to a
1.25V bandgap reference. The FB pin will regulate to this
voltage.
internal regulator voltage (2.4V typ), output regulation
may be disrupted. A series resistance with the feedback
pin can eliminate this potential problem.
Negative Output Voltage Setting
Negative output voltage can be sensed using the NFB pin.
In this case regulation will occur when the NFB pin is at
– 2.5V. The input bias current for the NFB is –25
µA (INFB)
which needs to be accounted for in setting up the divider.
Referring to Figure 2, R1 is chosen such that:
RR
V
RA
OUT
12
25
25
2 25
=
−
+
.
.•
µ
APPLICATIONS INFORMATION
FB PIN
1533 F01
VOUT
R2
R1
Referring to Figure 1, R1 is determined by:
RR
VOUT
12
125
1
=−


.
The FB bias current represents a small error and can
usually be ignored for values of R1
||R2 up to 10k.
One word of caution. Sometimes a feedback zero is added
to the control loop by placing a capacitor across R1 above.
If the feedback capacitively pulls the FB pin above the
Figure 1
A suggested value for R2 is 2.5k. The NFB pin is normally
left open if the FB pin is being used.
Dual Polarity Output Voltage Sensing
Certain applications may benefit from sensing both posi-
tive and negative output voltages. When doing this each
output voltage resistor divider is individually set as previ-
ously described. When both FB and NFB pins are used, the
LT1533 will act to prevent either output from going
beyond its set output voltage. The highest output (lightest
load) will dominate control of the regulator. This technique
would prevent either output from going unregulated high
at no load. However, this technique will also compromise
output load regulation.
Shutdown
If the shutdown pin is pulled low, the regulator will turn off.
The supply current will be reduced to less than 20
µA.
NFB PIN
INFB
1533 F02
–VOUT
R2
R1
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com