Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 8Page - Linear Technology LT1533CS Datasheet HTML 9Page - Linear Technology LT1533CS Datasheet HTML 10Page - Linear Technology LT1533CS Datasheet HTML 11Page - Linear Technology LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology LT1533CS Datasheet HTML 14Page - Linear Technology LT1533CS Datasheet HTML 15Page - Linear Technology LT1533CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1533
APPLICATIONS INFORMATION
For continuous operation the inductor ripple current must
be less than twice the output current. The worst case for
this is at maximum input (lowest DC) but we will evaluate
at nominal input since the IOUT/4 is somewhat arbitrary.
Note when both inputs are off, inductor current splits
between outputs and the diode common goes to 0V.
Looking at the inductor current during off time, output
ripple current is:
∆IOUT = 2 • IOUT(MIN)
IOUT(MIN) = IOUT(MAX)/4
L
V
DC
If
O
OUT
NOM
OUT
=
−•
()
•
12
∆
The inductance of the transformer primary should be such
that LO, when reflected into the primary, dominates the
input current. In other words, we want the magnetizing
current of the transformer small with respect to the
current going through the transformer to LO. In general,
then, the inductance of the primary should be at least five
times that of LO. This ensures that most of the power will
be passed through the transformer to the load. It also
increases the power capability of the converter and
reduces the peak currents that the switch will see.
LPRI = 5 • LO/N2
If the magnetizing current is below 100mA, then a smaller
LO can be used.
With the value of LO set, the ripple in the inductor is:
∆I
V
DC
Lf
OUT
OUT
O
=
−•
()
•
12
However, the peak inductor current is evaluated at maxi-
mum load and maximum input voltage (minimum DC).
II
I
LMAX
OUT MAX
OUT MAX
=+
()
()
∆
2
The magnetizing ripple current can be shown to be:
∆I
VV
NL
f
MAG
OUT
F
PRI
=
+
••
and the peak current in the switch is:
ISW(PEAK) = N • ILMAX + ∆IMAG
This should be less than the 1A current limit.
In the push-pull converter the maximum switch voltage
will be 2 • (VIN – VSW) plus a small amount (10%) for
leakage spikes. Because voltage is slew-controlled, the
spikes will be less than normal. So, maximum switch
voltage is:
VSW(MAX) = 2 • VIN • 1.1
This should be below the maximum rated switch voltage.
So, given the turns ratio, primary inductance and current,
the transformer can be designed. As an example:
VIN = 5V ±10%, VOUT = 12V, IOUT(MAX) = 150mA,
VSW = 0.5V, VF = 0.5V, f = 50kHz,
N
=
+
() −
()
=
12 0 5
2 0 44 45 05
355
.
•.
.
.
.
Round up so N = 3.6.
For continuous operation at IOUT(MIN) = IOUT(MAX)/4,
inductor ripple is:
∆I
mA
mA
OUT ==
2
150
4
75
•
The duty cycle for nominal input is:
DC
VV
NV
V
L
mA
kHz
H
NOM
OUT
F
IN NOM
SW
O MIN
=
+
()
−
()
=
+
() −
()
=
=
−
()
=
2
12 0 5
23 6 5 0 5
38 6
12 1 2 38 6
75
50
730
•
.
•.
.
.%
•. %
•
()
()
µ
Off-the-shelf components can be used for this inductor.
Say we found an 800
µH inductor (Coiltronics CTX200-1
for instance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com