Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 2Page - Linear Technology LT1533CS Datasheet HTML 3Page - Linear Technology LT1533CS Datasheet HTML 4Page - Linear Technology LT1533CS Datasheet HTML 5Page - Linear Technology LT1533CS Datasheet HTML 6Page - Linear Technology LT1533CS Datasheet HTML 7Page - Linear Technology LT1533CS Datasheet HTML 8Page - Linear Technology LT1533CS Datasheet HTML 9Page - Linear Technology LT1533CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1533
OPERATIO
In noise sensitive applications, switching regulators tend
to be ruled out as a power supply option due to their
propensity for generating unwanted noise. When switch-
ing supplies are required due to efficiency or input/output
voltage constraints, great pains must be taken to work
around the noise generated by a typical supply. These
steps may include precise synchronization of the power
supply oscillator to an external clock, synchronizing the
rest of the circuit to the power supply oscillator, or halting
power supply switching during noise sensitive operations.
The LT1533 greatly simplifies the task of eliminating
supply noise by enabling the design of an inherently low
noise switching regulator power supply.
The LT1533 is a fixed frequency, current mode switching
regulator with unique circuitry to control the voltage and
current slew rates of the output switches. Slew control
capability provides much greater control over power sup-
ply components that can create conducted and radiated
electromagnetic interference. The current mode control
provides excellent AC and DC line regulation and simplifies
loop compensation.
Current Mode Control
A switching cycle begins with an oscillator discharge pulse
which resets the RS flip-flop, turning on one of the output
drivers (refer to Block Diagram). The switch current is
sensed across an internal resistor and the resulting volt-
age is amplified and compared to the output of the error
amplifier (VC pin). The driver is turned off once the output
of the current sense amplifier exceeds the voltage on the
VC pin. The toggle flip-flop ensures that the two output
drivers are enabled on alternate clock cycles. Internal
slope compensation is provided to ensure stability under
high duty cycle conditions.
BLOCK DIAGRA
+
VC
NFB
FB
RT
CT
SYNC
GND
DUTY
1533 BD
RVSL
RCSL
OSCILLATOR
T
BK
QB
Q
FF
SQ
FF
R
SLEW CONTROL
INTERNAL VCC
SHDN
VIN
PGND COL A
COL B
OUTPUT
DRIVERS
–
+
NEGATIVE
FEEDBACK
AMP
–
+
gm
ERROR
AMP
1.25V
100k
50k
COMP
LDO REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com