Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 20 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology LT1533CS Datasheet HTML 14Page - Linear Technology LT1533CS Datasheet HTML 15Page - Linear Technology LT1533CS Datasheet HTML 16Page - Linear Technology LT1533CS Datasheet HTML 17Page - Linear Technology LT1533CS Datasheet HTML 18Page - Linear Technology LT1533CS Datasheet HTML 19Page - Linear Technology LT1533CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1533
1533f LT/TP 0598 5K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1129
700mA Micropower Low Dropout Regulator
0.4V Dropout Voltage, Reverse Battery Protection
LT1175
500mA Negative Low Dropout Micropower Regulator
Positive or Negative Shutdown Logic
LT1377
1MHz High Efficiency 1.5A Switching Regulator
High Frequency, Small Inductor
LT1425
Isolated Flyback Switching Regulator
Excellent Regulation Without Transformer “Third Winding”
LTC
®1436
High Efficiency Synchronous Switching Regulator
Adaptive Power
TM Mode, Phase Locked Loop
LT1534
Ultralow Noise 2A Switching Regulator
Ultralow Noise Regulator for Boost Topologies
Adaptive Power is a trademark of Linear Technology Corporation.
10W Off-Line Power Supply Passes FCC Emission Requirements
Without Filter Components
RCSL
RVSL
LT1533
FB
COL A
COL B
D
S
D
S
1V
Q5
IRF840
Q6
IRF840
1N5818 1N5818
CT
3.9k
SHDN
VIN
VC
RT
PGND
43k
3300pF
L2
22nH
4V
0.48V
1
µF
8.2k
4V
12V
470k
75k
0.8
Ω
BAT-85
22k
HV
12V
12V
10M
1k
360k
10k
12V
12V
12V
15k
0.002
µF
+
1
µF
+
220
µF
+
15
µF
1
µF
+
10
µF
+
4.7
µF
1N759A
12V
+
330
Ω
240k
2.5V
RTOP
COL
LT1431
FGND
1533 TA08
REF
SGND
RMID
0.15
µF
C1
1/2 LM393
–
+
C2
1/2 LM393
POWER LIMIT
CURRENT LIMIT
3k
L1 = COILTRONICS UP-4
L2 = COILCRAFT B07T
NPN = 2N3904 UNLESS OTHERWISE NOTED
PNP = 2N3906
T1 = COILTRONICS CTX02-13978-X3
1V
510
Ω
0.48V
470
Ω
Q1
MPSA42
Q2
5k
0.5W
100k
HV
+
1k
Q3
Q4
1k
360k
T1
10k
470
Ω
4N28
12V
0.002
µF
HV
1.6k
1W
1.6k
1W
0.001
µF
250V
0.001
µF
250V
L1
10
µH
5V
2A
Q7
Q8
HV
0.1
µF
AC LINE
1N4005
100
µF
400V
+
= 20CJQ045(I.R.) UNLESS OTHERWISE NOTED
= 1N4148
= AC (HOT) RETURN
= OUTPUT COMMON
DANGER!!
HIGH
VOLTAGE!!
SCREENED AREA CONTAINS LETHAL HIGH VOLTAGES!
USE CAUTION IN CONSTRUCTION AND TESTING!
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com