Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 7Page - Linear Technology LT1533CS Datasheet HTML 8Page - Linear Technology LT1533CS Datasheet HTML 9Page - Linear Technology LT1533CS Datasheet HTML 10Page - Linear Technology LT1533CS Datasheet HTML 11Page - Linear Technology LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology LT1533CS Datasheet HTML 14Page - Linear Technology LT1533CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1533
APPLICATIONS INFORMATION
turns ratio of the transformer. The turns ratio must be
large enough to ensure that the transformer can put out a
voltage equal to the output voltage plus the diode under
minimum input conditions.
N
VV
DC
V
V
OUT
F
MAX
IN MIN
SW
=
+
•−
()
2
()
DCMAX is the maximum duty cycle of each driver with
respect to the entire cycle which consists of two periods
(Q1A on and Q1B on). So the effective duty cycle is
2 • DCMAX. The controller, in general, determines maxi-
mum duty cycle. A 44% maximum duty cycle is a guaran-
teed value for this part.
Figure 3
VC PIN
1533 F03
RVC
2k
CVC
0.01
µF
CVC2
4.7nF
To prevent irregular switching, VC pin ripple should be
kept below 50mVP-P. Worst-case VC pin ripple occurs at
maximum output load current and will also be increased if
poor quality (high ESR) output capacitors are used. The
addition of a 0.0047
µF capacitor on the VC pin reduces
switching frequency ripple to only a few millivolts. A low
value for RVC will also reduce VC pin ripple, but loop phase
margin may be inadequate.
Magnetics
Design of magnetics is dependent on topology. The fol-
lowing details the design of the magnetics for a push-pull
converter. In this converter the transformer usually stores
little energy. The following equations should be consid-
ered as the starting point to building a prototype.
Figure 4
VIN
VSEC
T1
DS1
1 : N
Q1B
Q1A
LO
CO
VOUT
DS2
+
1533 F04
The following definitions will be used:
VIN = Input supply voltage
VSW = Switch-on voltage
VOUT = Desired output voltage
IOUT = Output current
f = Oscillator frequency
VF = Forward drop of the rectifier
Duty cycle is the major defining equation for this topology.
Note that the output L and C basically filter the chopped
voltage so duty cycle controls output voltage. N is the
Some Common Turns Ratios
VIN
VOUT
N
5
±10%
12
3.6
5
±10%
15
4.4
5
±10%
3.3
1.1
Remember to add sufficient margin in the turns ratio to
account for IR drops in the transformer windings, worst-
case diode forward drop (VF) and switch-on voltage (VSW).
There are a number of ways to choose the inductance
value for LO. We suggest as a starting point that LO be
selected such that the converter is continuous at
IOUT(MAX)/4. If your minimum IOUT is higher than this, or
you are operating at low currents such that the IC and
components can handle higher peak currents, then use a
higher number.
Continuous operation occurs when the current in the
inductor never goes to zero. Discontinuous operation
occurs when the inductor current drops to zero before the
start of the next cycle and can occur with small inductors
and light loads. There is nothing inherently bad about
discontinuous operation, however, the converter control
and operation is somewhat different. The inductor is
smaller for discontinuous operation but the peak currents
in the switch, the transformer, the diodes, inductor and
capacitor will be higher. But for low power situations these
may not present a big constraint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com