Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 6Page - Linear Technology LT1533CS Datasheet HTML 7Page - Linear Technology LT1533CS Datasheet HTML 8Page - Linear Technology LT1533CS Datasheet HTML 9Page - Linear Technology LT1533CS Datasheet HTML 10Page - Linear Technology LT1533CS Datasheet HTML 11Page - Linear Technology LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology LT1533CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1533
APPLICATIONS INFORMATION
where
∆I is the ripple current in the switch, RCSL and
RVSL are the slew resistors and fOSC is the oscillator
frequency.
Power dissipation PD is the sum of these three terms. Die
junction temperature is then computed as:
TJ = TAMB + (PD)(θJA)
where TAMB is ambient temperature and θJA is the package
thermal resistance. For the 16-pin SO
θJA is 100°C/W.
For example, with fOSC = 40kHz, VIN = 10V, 0.4A average
current and 0.1A of ripple, the maximum duty cycle is
44%. Assume slew resistors are both 17k and VSAT is
0.26V, then:
PD = 0.176W + 0.094W + 0.158W = 0.429W
In an S16 package the die junction temperature would be
43
°C above ambient.
Frequency Compensation
Loop frequency compensation is accomplished by way of
a series RC network on the output of the error amplifier (VC
pin). Referring to Figure 3, the main pole is formed by
capacitor CVC and the output impedance of the error
amplifier (approximately 400k
Ω). The series resistor RVC
creates a “zero” which improves loop stability and tran-
sient response. A second capacitor CVC2, typically one-
tenth the size of the main compensation capacitor, is
sometimes used to reduce the switching frequency ripple
on the VC pin. VC pin ripple is caused by output voltage
ripple attenuated by the output divider and multiplied by
the error amplifier. Without the second capacitor, VC pin
ripple is:
V
Vg
R
V
C PIN RIPPLE
RIPPLE
m
VC
OUT
= ()(
)( )( )
125
.
where VRIPPLE = Output ripple (VP-P)
gm = Error amplifier transconductance
RVC = Series resistor on VC pin
VOUT = DC output voltage
Thermal Considerations
Computing power dissipation for this IC requires careful
attention to detail. Reduced output slewing causes the part
to dissipate more power than would occur with fast edges.
However, much improvement in noise can be produced
with modest decrease in supply efficiency.
Power dissipation is a function of topology, input voltage,
switch current and slew rates. It is impractical to come up
with an all-encompassing formula. It is therefore recom-
mended that package temperature be measured in each
application. The part has an internal thermal shutdown to
prevent device destruction, but this should not replace
careful thermal design.
1. Dissipation due to input current:
PV
mA
I
VIN
IN
=+


11
60
where I is the average switch current.
2. Dissipation due to the drivers saturation:
PVSAT = (VSAT)(I)(DCMAX)
where VSAT is the output saturation voltage which is
approximately 0.1 + (0.4)(I), DCMAX is the maximum
duty cycle.
3. Dissipation due to output slew using approximations
for slew rates:
P
VI
I
R
IV
V
Rf
SLEW
IN
CSL
IN
SAT
VSL
OSC
=
() +


()
()+
() −
()
()


()
2
2
9
2
2
9
4
33 10
4
220 10
∆
Note if VSAT and ∆I are small with respect to VIN and I,
then:
P
IR
V
R
fV
I
SLEW
CSL
IN
VSL
OSC
IN
= ()(
)
()
+ ()()
()
()( )()
33 10
220 10
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com