Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1533CS Datasheet(PDF) 18 Page - Linear Technology

Part # LT1533CS
Description  Ultralow Noise 1A Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1533CS Datasheet HTML 12Page - Linear Technology LT1533CS Datasheet HTML 13Page - Linear Technology LT1533CS Datasheet HTML 14Page - Linear Technology LT1533CS Datasheet HTML 15Page - Linear Technology LT1533CS Datasheet HTML 16Page - Linear Technology LT1533CS Datasheet HTML 17Page - Linear Technology LT1533CS Datasheet HTML 18Page - Linear Technology LT1533CS Datasheet HTML 19Page - Linear Technology LT1533CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1533
A 10W Low Noise 5V to 12V Converter. Q1-Q2 Provide 5A Output Capacity
While Preserving LT1533’s Voltage Current Slew Control. Efficiency Is 68%.
Higher Input Voltages Minimize Follower Loss, Boosting Efficiency Above 71%.
See AN70 for Details
TYPICAL APPLICATIONS
SHDN
DUTY
SYNC
COL A
COL B
PGND
RVSL
RCSL
FB
NFB
LT1533
GND
VIN
5V
14
2
15
16
13
12
7
11
3
4
5
6
10
1500pF
18k
0.01
µF
10k
2.49k
1%
L2
FB2
FB1
4.7
µF
10k
+
T1
L1
300
µH
12V
5A
L3
33
µH
8
9
21.5k
1%
+
+
100
µF
100
µF
1N5817
1N5817
1N4148
1N4148
1553 TA07
CT
RT
VC
OPTIONAL FOR
LOWEST RIPPLE
()
330
Ω
330
Ω
0.05
Ω
0.05
Ω
4.7
µF
+
Q2
Q1
0.003
µF
680
Ω
L1:COILTRONICS CTX300-4
L2:22nH TRACE INDUCTANCE, FERRITE BEAD OR
INDUCTOR COILCRAFT B-07T TYPICAL
L3:COILTRONICS CTX33-4
Q1, Q2:MOTOROLA D45C1
T1:COILTRONICS CTX02-13949-X1
FB1, FB2:FERRONICS FERRITE BEAD 21-110J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com