Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 1 Page - Linear Technology

  LTC1196 Datasheet HTML 1Page - Linear Technology LTC1196 Datasheet HTML 2Page - Linear Technology LTC1196 Datasheet HTML 3Page - Linear Technology LTC1196 Datasheet HTML 4Page - Linear Technology LTC1196 Datasheet HTML 5Page - Linear Technology LTC1196 Datasheet HTML 6Page - Linear Technology LTC1196 Datasheet HTML 7Page - Linear Technology LTC1196 Datasheet HTML 8Page - Linear Technology LTC1196 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1196/LTC1198
S
FEATURE
8-Bit, SO-8, 1MSPS ADCs with
Auto-Shutdown Options
s
High Sampling Rates: 1MHz (LTC1196)
750kHz (LTC1198)
s
Low Cost
s
SO-8 Plastic Package
s
Single Supply 3V and 5V Specifications
s
Low Power: 10mW at 3V Supply
50mW at 5V Supply
s
Auto-Shutdown: 1nA Typical (LTC1198)
s
±1/2LSB Total Unadjusted Error over Temperature
s
3-Wire Serial I/O
s
1V to 5V Input Span Range (LTC1196)
s
Converts 1MHz Inputs to 7 Effective Bits
s
Differential Inputs (LTC1196)
s
2-Channel MUX (LTC1198)
The LTC1196/LTC1198 are 600ns, 8-bit A/D converters
with sampling rates up to 1MHz. They are offered in 8-pin
SO packages and operate on 3V to 6V supplies. Power
dissipation is only 10mW with a 3V supply or 50mW with
a 5V supply. The LTC1198 automatically powers down to
a typical supply current of 1nA whenever it is not perform-
ing conversions. These 8-bit switched-capacitor succes-
sive approximation ADCs include sample-and-holds. The
LTC1196 has a differential analog input; the LTC1198
offers a software selectable 2-channel MUX.
The 3-wire serial I/O, SO-8 packages, 3V operation and
extremely high sample rate-to-power ratio make these
ADCs an ideal choice for compact, high speed systems.
These ADCs can be used in ratiometric applications or with
external references. The high impedance analog inputs
and the ability to operate with reduced spans below 1V full
scale (LTC1196) allow direct connection to signal sources
in many applications, eliminating the need for gain stages.
The A grade devices are specified with total unadjusted
error of
±1/2LSB maximum over temperature.
DESCRIPTIO
S
APPLICATI
s
High Speed Data Acquisition
s
Disk Drives
s
Portable or Compact Instrumentation
s
Low Power or Battery-Operated Systems
APPLICATI
TYPICAL
Single 5V Supply, 1MSPS, 8-Bit Sampling ADC
Effective Bits and S/(N + D) vs Input Frequency
INPUT FREQUENCY (Hz)
1k
8
7
6
5
4
3
2
1
0
10k
100k
1M
1196/98 G24
50
44
VREF = VCC = 2.7V
fSMPL = 383kHz (LTC1196)
fSMPL = 287kHz (LTC1198)
VREF = VCC = 5V
fSMPL = 1MHz (LTC1196)
fSMPL = 750kHz (LTC1198)
TA = 25°C
5V
1
µF
ANALOG INPUT
0V TO 5V RANGE
1196/98 TA01
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP,
OR SHIFT REGISTERS
–IN
GND
VCC
CLK
DOUT
+IN
CS
1
2
3
4
8
7
6
5
LTC1196
(SO-8)
VREF


Similar Part No. - LTC1196

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1196 LINER-LTC1196 Datasheet
327Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196-1ACS8-PBF LINER-LTC1196-1ACS8-PBF Datasheet
327Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196-1ACS8-TRPBF LINER-LTC1196-1ACS8-TRPBF Datasheet
327Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196-1BCS8-PBF LINER-LTC1196-1BCS8-PBF Datasheet
327Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196-1BCS8-TRPBF LINER-LTC1196-1BCS8-TRPBF Datasheet
327Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1196

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com