Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 2 Page - Linear Technology

  LTC1196 Datasheet HTML 1Page - Linear Technology LTC1196 Datasheet HTML 2Page - Linear Technology LTC1196 Datasheet HTML 3Page - Linear Technology LTC1196 Datasheet HTML 4Page - Linear Technology LTC1196 Datasheet HTML 5Page - Linear Technology LTC1196 Datasheet HTML 6Page - Linear Technology LTC1196 Datasheet HTML 7Page - Linear Technology LTC1196 Datasheet HTML 8Page - Linear Technology LTC1196 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1196/LTC1198
A
G
A
U
A
R
BSOLUTEXI
TI
S (Notes 1, 2)
Supply Voltage (VCC) to GND.................................... 7V
Voltage
Analog Reference ...................... –0.3V to VCC + 0.3V
Digital Inputs .......................................... –0.3V to 7V
Digital Outputs .......................... –0.3V to VCC + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1196-1AC, LTC1198-1AC, LTC1196-1BC,
LTC1198-1BC, LTC1196-2AC, LTC1198-2AC,
LTC1196-2BC, LTC1198-2BC ................ 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
LTC1196-1
LTC1196-2
LTC1198-1
LTC1198-2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
2.7
6
2.7
6
V
VCC = 5V Operation
fCLK
Clock Frequency
0.01
14.4
0.01
12.0
MHz
q
0.01
12.0
0.01
9.6
MHz
tCYC
Total Cycle Time
LTC1196
12
12
CLK
LTC1198
16
16
CLK
tSMPL
Analog Input Sampling Time
2.5
2.5
CLK
thCS
Hold Time CS Low After Last CLK
↑
10
13
ns
tsuCS
Setup Time CS
↓ Before First CLK↑
20
26
ns
(See Figures 1, 2)
thDI
Hold Time DIN After CLK↑
LTC1198
20
26
ns
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER*
LTC1196-1ACS8
LTC1196-1BCS8
LTC1196-2ACS8
LTC1196-2BCS8
1961A
1961B
1962A
1962B
S8 PART MARKING
ORDER PART
NUMBER*
LTC1198-1ACS8
LTC1198-1BCS8
LTC1198-2ACS8
LTC1198-2BCS8
S8 PART MARKING
1981A
1981B
1982A
1982B
*Parts available in N8 package. Consult factory for N8 samples.
1
2
3
4
8
7
6
5
TOP VIEW
VCC (VREF)
CLK
DOUT
DIN
CH0
CH1
GND
S8 PACKAGE
8-LEAD PLASTIC SOIC
CS/
SHUTDOWN
TJMAX = 150°C, θJA = 175°C/W
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VCC
CLK
DOUT
VREF
S8 PACKAGE
8-LEAD PLASTIC SOIC
CS
+IN
–IN
GND
RECO
E DED OPERATI G CO DITIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com