Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 13Page - Linear Technology LTC1196 Datasheet HTML 14Page - Linear Technology LTC1196 Datasheet HTML 15Page - Linear Technology LTC1196 Datasheet HTML 16Page - Linear Technology LTC1196 Datasheet HTML 17Page - Linear Technology LTC1196 Datasheet HTML 18Page - Linear Technology LTC1196 Datasheet HTML 19Page - Linear Technology LTC1196 Datasheet HTML 20Page - Linear Technology LTC1196 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1196/LTC1198
S
APPLICATI
I FOR ATIO
Figure 4. LTC1198 Operation with DIN and DOUT Tied Together
SAMPLE RATE (Hz)
0.01
0.1
1
10
100
10k
100k
1196/98 F05
0.001
1k
1M
LT1196 VCC = 5V
LT1196 VCC = 2.7V
LT1198 VCC = 5V
LT1198 VCC = 2.7V
Figure 5. Supply Current vs Sample Rate for LTC1196/
LTC1198 Operating on 5V and 2.7V Supplies
Minimize CS Low Time (LTC1198)
In systems that have significant time between conver-
sions, lowest power drain will occur with the minimum CS
low time. Bringing CS low, transfering data as quickly as
possible, then bringing it back high will result in the lowest
current drain. This minimizes the amount of time the
device draws power.
OPERATING ON OTHER THAN 5V SUPPLIES
The LTC1196/LTC1198 operate from single 2.7V to 6V
supplies. To operate the LTC1196/LTC1198 on other than
5V supplies, a few things must be kept in mind.
Input Logic Levels
The input logic levels of CS, CLK and DIN are made to
meet TTL on 5V supply. When the supply voltage varies,
the input logic levels also change (see typical curve of
Digital Input Logic Threshold vs Supply Voltage). For
these two ADCs to sample and convert correctly, the
digital inputs have to be in the logical low and high relative
to the operating supply voltage. If achieving micropower
consumption is desirable on the LTC1198, the digital
inputs must go rail-to-rail between supply voltage and
ground (see Reducing Power Consumption section).
When the CS pin is high (= supply voltage), the LTC1198
is in shutdown mode and draws only leakage current. The
status of the DIN and CLK input has no effect on the supply
current during this time. There is no need to stop DIN and
CLK with CS = high; they can continue to run without
drawing current.
1
2
3
4
CLK
DATA (DIN/DOUT)
START
SGL/DIFF
ODD/SIGN
DUMMY
B7
B6
DUMMY BITS LATCHED
BY LTC1198
LTC1198 CONTROLS DATA LINE AND SENDS
A/D RESULT BACK TO THE DIGITAL SYSTEM
THE DIGITAL SYSTEM CONTROLS DATA LINE
AND SENDS MUX ADDRESS TO LTC1198
THE DIGITAL SYSTEM MUST RELEASE
DATA LINE AFTER 5TH RISING CLK
AND BEFORE THE 5TH FALLING CLK
LTC1198 TAKES CONTROL OF
DATA LINE ON 5TH FALLING CLK
CS
1196/98 F04
5
DUMMY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com