Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 18Page - Linear Technology LTC1196 Datasheet HTML 19Page - Linear Technology LTC1196 Datasheet HTML 20Page - Linear Technology LTC1196 Datasheet HTML 21Page - Linear Technology LTC1196 Datasheet HTML 22Page - Linear Technology LTC1196 Datasheet HTML 23Page - Linear Technology LTC1196 Datasheet HTML 24Page - Linear Technology LTC1196 Datasheet HTML 25Page - Linear Technology LTC1196 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1196/LTC1198
S
APPLICATI
I FOR ATIO
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at sum and difference
frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa + fb) and
(fa – fb) while 3rd order IMD terms include (2fa + fb),
(2fa – fb), (fa + 2fb), and (fa – 2fb). If the two input sine
waves are equal in magnitudes, the value (in dB) of the 2nd
order IMD products can be expressed by the following
formula:
IMD f
f
mplitude f
f
ab
ab
±
()=
±
()
20log
a
amplitude at fa
For input frequencies of 499kHz and 502kHz, the IMD of
the LTC1196/LTC1198 is 51dB with a 5V supply.
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in dBs relative to the RMS value of a full-
scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is re-
duced by 3dB for a full-scale input.
The full-linear bandwidth is the input frequency at which
the effective bits rating of the ADC falls to 7 bits. Beyond
this frequency, distortion of the sampled input signal
increases. The LTC1196/LTC1198 have been designed to
optimize input bandwidth, allowing the ADCs to
undersample input signals with frequencies above the
converters’ Nyquist Frequency.
rate of 1.2MHz with a 5V supply the LTC1196 maintains
above 7.5 ENOBs at 400kHz input frequency. Above 500kHz
the ENOBs gradually decline, as shown in Figure 11, due
to increasing second harmonic distortion. The noise floor
remains low.
Figure 11. Effective Bits and S/(N + D) vs Input Frequency
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half of the sampling frequency. THD
is defined as:
THD
=
+++ +
20log
VVV
V
V
2
2
3
2
4
2
N
2
1
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through the Nth harmonics. The typical THD speci-
fication in the Dynamic Accuracy table includes the 2nd
through 5th harmonics. With a 100kHz input signal, the
LTC1196/LTC1198 have typical THD of 50dB and 49dB
with VCC = 5V and VCC = 3V, respectively.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
INPUT FREQUENCY (Hz)
1k
8
7
6
5
4
3
2
1
0
10k
100k
1M
1196/98 G24
50
44
VREF = VCC = 2.7V
fSMPL = 383kHz (LTC1196)
fSMPL = 287kHz (LTC1198)
VREF = VCC = 5V
fSMPL = 1MHz (LTC1196)
fSMPL = 750kHz (LTC1198)
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com