Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 3Page - Linear Technology LTC1196 Datasheet HTML 4Page - Linear Technology LTC1196 Datasheet HTML 5Page - Linear Technology LTC1196 Datasheet HTML 6Page - Linear Technology LTC1196 Datasheet HTML 7Page - Linear Technology LTC1196 Datasheet HTML 8Page - Linear Technology LTC1196 Datasheet HTML 9Page - Linear Technology LTC1196 Datasheet HTML 10Page - Linear Technology LTC1196 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1196/LTC1198
FREQUENCY (MHz)
0
12
9
8
7
6
5
4
3
2
1
0
1196/98 G01
216
46
8
10
14
TA = 25°C
CS = 0V
VREF = VCC
VCC = 5V
VCC = 2.7V
Supply Current vs Clock Rate
Supply Current vs Supply Voltage
Supply Current vs Sample Rate
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
–55
10
9
8
7
6
5
4
3
2
1
0
–15
25
45
125
1196/98 G04
–35
5
65
85 105
CS = 0V
VCC = 5V
VCC = 2.7V
Supply Current vs Temperature
Offset vs Reference Voltage
Offset vs Supply Voltage
Linearity Error vs
Reference Voltage
Linearity Error vs Supply Voltage
SUPPLY VOLTAGE (V)
2.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
3.5
4.5
5.0
1196/98 G06
3.0
4.0
5.5
6.0
TA = 25°C
VREF = VCC
fCLK = 3MHz
REFERENCE VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1196/98 G07
0.5
5.0
3.5
2.5
4.0
1.0
2.0
1.5
4.5
3.0
TA = 25°C
VCC = 5V
fCLK = 12MHz
SUPPLY VOLTAGE (V)
2.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
3.5
4.5
5.0
1196/98 G08
3.0
4.0
5.5
6.0
TA = 25°C
VREF = VCC
fCLK = 3MHz
Gain Error vs Reference Voltage
SUPPLY VOLTAGE (V)
2.5
14
12
10
8
6
4
2
0
4.0
5.0
1196/98 G02
3.0
3.5
4.5
5.5
6.0
TA = 25°C
0.000002
LTC1196
LTC1198
“ACTIVE” MODE
CS = 0V
“SHUTDOWN” MODE
CS = VCC
LTC1198
SAMPLE RATE (Hz)
0.01
0.1
1
10
100
10k
100k
1196/98 G03
0.001
1k
1M
LT1196 VCC = 5V
LT1196 VCC = 2.7V
LT1198 VCC = 5V
LT1198 VCC = 2.7V
TA = 25°C
REFERENCE VOLTAGE (V)
0.5
5.0
1196/98 G05
3.5
2.5
4.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.0
2.0
1.5
4.5
3.0
TA = 25°C
VCC = 5V
fCLK = 12MHz
REFERENCE VOLTAGE (V)
0
4.0
1196/98 G09
1.0
2.0
3.0
5.0
0.5
1.5
2.5
3.5
4.5
TA = 25°C
VCC = 5V
fCLK = 12MHz
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com