Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 4 Page - Linear Technology

  LTC1196 Datasheet HTML 1Page - Linear Technology LTC1196 Datasheet HTML 2Page - Linear Technology LTC1196 Datasheet HTML 3Page - Linear Technology LTC1196 Datasheet HTML 4Page - Linear Technology LTC1196 Datasheet HTML 5Page - Linear Technology LTC1196 Datasheet HTML 6Page - Linear Technology LTC1196 Datasheet HTML 7Page - Linear Technology LTC1196 Datasheet HTML 8Page - Linear Technology LTC1196 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1196/LTC1198
VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
DY A IC ACCURACY
RECO
E DED OPERATI G CO DITIO S
AC CHARACTERISTICS
VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
VCC = 2.7V Operation
LTC1196
LTC1198
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion
500kHz/1MHz Input Signal
47/45
47/45
dB
THD
Total Harmonic Distortion
500kHz/1MHz Input Signal
49/47
49/47
dB
Peak Harmonic or Spurious Noise
500kHz/1MHz Input Signal
55/48
55/48
dB
IMD
Intermodulation Distortion
fIN1 = 499.37kHz,
51
51
dB
fIN2 = 502.446kHz
Full Power Bandwidth
8
8
MHz
Full Linear Bandwidth [S/(N + D) > 44dB]
1
1
MHz
LTC1196-1
LTC1196-2
LTC1198-1
LTC1198-2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
fCLK
Clock Frequency
0.01
5.4
0.01
4
MHz
q
0.01
4.6
0.01
3
MHz
tCYC
Total Cycle Time
LTC1196
12
12
CLK
LTC1198
16
16
CLK
tSMPL
Analog Input Sampling Time
2.5
2.5
CLK
thCS
Hold Time CS Low After Last CLK
↑
20
40
ns
tsuCS
Setup Time CS
↓ Before First CLK↑
40
78
ns
(See Figures 1, 2)
LTC1196-1
LTC1196-2
LTC1198-1
LTC1198-2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figures 1, 2)
600
710
ns
q
710
900
ns
fSMPL(MAX) Maximum Sampling Frequency
LTC1196
1.20
1.00
MHz
LTC1196
q
1.00
0.80
MHz
LTC1198
0.90
0.75
MHz
LTC1198
q
0.75
0.60
MHz
tdDO
Delay Time, CLK
↑ to DOUT Data Valid
CLOAD = 20pF
55
64
68
78
ns
q
73
94
ns
tDIS
Delay Time CS
↑ to DOUT Hi-Z
q
70
120
88
150
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
CLOAD = 20pF
q
30
50
43
63
ns
thDO
Time Output Data Remains Valid
CLOAD = 20pF
q
30
45
30
55
ns
After CLK
↑
tr
DOUT Fall Time
CLOAD = 20pF
q
515
10
20
ns
tf
DOUT Rise Time
CLOAD = 20pF
q
515
10
20
ns
CIN
Input Capacitance
Analog Input On Channel
30
30
pF
Analog Input Off Channel
5
5
pF
Digital Input
5
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com