Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 17Page - Linear Technology LTC1196 Datasheet HTML 18Page - Linear Technology LTC1196 Datasheet HTML 19Page - Linear Technology LTC1196 Datasheet HTML 20Page - Linear Technology LTC1196 Datasheet HTML 21Page - Linear Technology LTC1196 Datasheet HTML 22Page - Linear Technology LTC1196 Datasheet HTML 23Page - Linear Technology LTC1196 Datasheet HTML 24Page - Linear Technology LTC1196 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1196/LTC1198
S
APPLICATI
I FOR ATIO
Offset with Reduced VREF
The offset of the LTC1196 has a larger effect on the output
code when the ADC is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the LSB
is reduced. The typical curve of Unadjusted Offset Error vs
Reference Voltage shows how offset in LSBs is related to
reference voltage for a typical value of VOS. For example,
a VOS of 2mV which is 0.1LSB with a 5V reference
becomes 0.5LSB with a 1V reference and 2.5LSB with a
0.2V reference. If this offset is unacceptable, it can be
corrected digitally by the receiving system or by offsetting
the “–” input of the LTC1196.
Noise with Reduced VREF
The total input referred noise of the LTC1196 can be
reduced to approximately 2mVP-P using a ground plane,
good bypassing, good layout techniques and minimizing
noise on the reference inputs. This noise is insignificant
with a 5V reference but will become a larger fraction of an
LSB as the size of the LSB is reduced.
For operation with a 5V reference, the 2mV noise is only
0.1LSB peak-to-peak. In this case, the LTC1196 noise
will contribute virtually no uncertainty to the output
code. However, for reduced references, the noise may
become a significant fraction of an LSB and cause
undesirable jitter in the output code. For example, with
a 1V reference, this same 2mV noise is 0.5LSB peak-to-
peak. This will reduce the range of input voltages over
which a stable output code can be achieved by 1LSB. If
the reference is further reduced to 200mV, the 2mV
noise becomes equal to 2.5LSB and a stable code is
difficult to achieve. In this case averaging readings is
necessary.
This noise data was taken in a very clean setup. Any setup
induced noise (noise or ripple on VCC, VREF or VIN) will add
to the internal noise. The lower the reference voltage to be
used, the more critical it becomes to have a clean, noise-
free setup.
DYNAMIC PERFORMANCE
The LTC1196/LTC1198 have exceptionally high speed
sampling capability. Fast Fourier Transform (FFT) test
techniques are used to characterize the ADC’s frequency
response, distortion and noise at the rated throughput. By
applying a low distortion sine wave and analyzing the
digital output using a FFT algorithm, the ADC’s spectral
content can be examined for frequencies outside the
fundamental. Figure 10 shows a typical LTC1196 FFT plot.
Figure 10. LTC1196 Non-Averaged, 4096 Point FFT Plot
Signal-to-Noise Ratio
The Signal-to-Noise plus Distortion Ratio [S/(N + D)] is
the ratio between the RMS amplitude of the fundamental
input frequency to the RMS amplitude of all other fre-
quency components at the ADC’s output. The output is
band limited to frequencies above DC and below one half
the sampling frequency. Figure 10 shows a typical spec-
tral content with a 882kHz sampling rate.
Effective Number of Bits
The Effective Number of Bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to S/(N + D)
by the equation:
N = [S/(N + D) –1.76]/6.02
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
400
1196/98 G25
100
200
300
500
VCC = 5V
fIN = 29kHz
fSMPL = 882kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com