Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 5 Page - Linear Technology

  LTC1196 Datasheet HTML 1Page - Linear Technology LTC1196 Datasheet HTML 2Page - Linear Technology LTC1196 Datasheet HTML 3Page - Linear Technology LTC1196 Datasheet HTML 4Page - Linear Technology LTC1196 Datasheet HTML 5Page - Linear Technology LTC1196 Datasheet HTML 6Page - Linear Technology LTC1196 Datasheet HTML 7Page - Linear Technology LTC1196 Datasheet HTML 8Page - Linear Technology LTC1196 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1196/LTC1198
RECO
E DED OPERATI G CO DITIO S
VCC = 2.7V Operation
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
VCC = 2.7V, VREF = 2.5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
ELECTRICAL C
C
HARA TER STICS
DIGITAL A D
I
DC
VCC = 2.7V, VREF = 2.5V, unless otherwise noted.
– 0.05V to VCC + 0.05V
LTC1196-1
LTC1196-2
LTC1198-1
LTC1198-2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
thDI
Hold Time DIN After CLK↑
LTC1198
40
78
ns
tsuDI
Setup Time DIN Stable Before CLK↑
LTC1198
40
78
ns
tWHCLK
CLK High Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWLCLK
CLK Low Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWHCS
CS High Time Between Data Transfer Cycles
50
96
ns
tWLCS
CS Low Time During Data Transfer
LTC1196
11
11
CLK
LTC1198
15
15
CLK
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
q
1.9
V
VIL
Low Level Input Voltage
VCC = 2.7V
q
0.45
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 2.7V, IO = 10µA
q
2.3
2.60
V
VCC = 2.7V, IO = 360µA
q
2.1
2.45
V
VOL
Low Level Output Voltage
VCC = 2.7V, IO = 400µA
q
0.3
V
IOZ
Hi-Z Output Leakage
CS = High
q
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VCC
15
mA
IREF
Reference Current, LTC1196
CS = VCC
q
0.001
3.0
µA
fSMPL = fSMPL(MAX)
q
0.25
0.5
mA
ICC
Supply Current
CS = VCC = 3.3V, LTC1198 (Shutdown)
q
0.001
3.0
µA
CS = VCC = 3.3V, LTC1196
q
1.5
4.5
mA
fSMPL = fSMPL(MAX), LTC1196/LTC1198
q
2.0
6.0
mA
LTC1196-XA
LTC1196-XB
LTC1198-XA
LTC1198-XB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
No Missing Codes Resolution
q
8
8
Bits
Offset Error
q
±1/2
±1
LSB
Linearity Error
(Note 3)
q
±1/2
±1
LSB
Full-Scale Error
q
±1/2
±1
LSB
Total Unadjusted Error (Note 4)
LTC1196, VREF = 2.500V
q
±1/2
±1
LSB
LTC1198, VCC = 2.700V
Analog and REF Input Range
LTC1196
V
Analog Input Leakage Current
(Note 5)
q
±1
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com