Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 12Page - Linear Technology LTC1196 Datasheet HTML 13Page - Linear Technology LTC1196 Datasheet HTML 14Page - Linear Technology LTC1196 Datasheet HTML 15Page - Linear Technology LTC1196 Datasheet HTML 16Page - Linear Technology LTC1196 Datasheet HTML 17Page - Linear Technology LTC1196 Datasheet HTML 18Page - Linear Technology LTC1196 Datasheet HTML 19Page - Linear Technology LTC1196 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1196/LTC1198
S
APPLICATI
I FOR ATIO
Dummy Bits
The last 2 bits of the input word following the MUX
Address are dummy bits. Either bit can be a “logical
one” or a “logical zero.” These 2 bits allow the ADC 2.5
clocks to acquire the input signal after the channel
selection.
A/D Conversion Result
Both the LTC1196 and the LTC1198 have the A/D
conversion result appear on the DOUT line after two null
bits (see Operating Sequence in Figures 1 and 2). Data
on the DOUT line is updated on the rising edge of the CLK
line. The DOUT data should also be captured on the
rising CLK edge by the digital systems. Data on the DOUT
line remains valid for a minimum time of thDO (30ns at
5V) to allow the capture to occur (see Figure 3).
Figure 3. Voltage Waveform for DOUT Delay Time,
tdDO and thDO
Unipolar Transfer Curve
The LTC1196/LTC1198 are permanently configured for
unipolar only. The input span and code assignment for
this conversion type are shown in the following figures.
Unipolar Transfer Curve
Unipolar Output Code
OUTPUT CODE
1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5.000V)
4.9805V
4.9609V
•
•
•
0.0195V
0V
1196/98 AI05
Operation with DIN and DOUT Tied Together
The LTC1198 can be operated with DIN and DOUT tied
together. This eliminates one of the lines required to
communicate to the digital systems. Data is transmitted in
both directions on a single wire. The pin of the digital
systems connected to this data line should be configurable
as either an input or an output. The LTC1198 will take
control of the data line and drive it low on the 5th falling
CLK edge after the start bit is received (see Figure 4).
Therefore the port line of the digital systems must be
switched to an input before this happens to avoid a
conflict.
REDUCING POWER CONSUMPTION
The LTC1196/LTC1198 can sample at up to a 1MHz rate,
drawing only 50mW from a 5V supply. Power consump-
tion can be reduced in two ways. Using a 3V supply lowers
the power consumption on both devices by a factor of five,
to 10mW. The LTC1198 can reduce power even further
because it shuts down whenever it is not converting.
Figure 5 shows the supply current versus sample rate for
the LTC1196 and LTC1198 on 3V and 5V. To achieve such
a low power consumption, especially for the LTC1198,
several things must be taken into consideration.
Shutdown (LTC1198)
Figure 2 shows the operating sequence of the LTC1198.
The converter draws power when the CS pin is low and
powers itself down when that pin is high. For lowest power
consumption in shutdown, the CS pin should be driven
with CMOS levels (0V to VCC) so that the CS input buffer
of the converter will not draw current.
VIN
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 0
•
•
•
1196/98 AI04
CLK
DOUT
tdDO
1196/98 TC03
VIH
thDO
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com